Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 410 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 410 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 406Page - Microchip Technology MEC1322 Datasheet HTML 407Page - Microchip Technology MEC1322 Datasheet HTML 408Page - Microchip Technology MEC1322 Datasheet HTML 409Page - Microchip Technology MEC1322 Datasheet HTML 410Page - Microchip Technology MEC1322 Datasheet HTML 411Page - Microchip Technology MEC1322 Datasheet HTML 412Page - Microchip Technology MEC1322 Datasheet HTML 413Page - Microchip Technology MEC1322 Datasheet HTML 414Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 456 page
background image
MEC1322
DS00001719D-page 410
 2014 - 2015 Microchip Technology Inc.
TABLE 38-15: PS/2 CHANNEL RECEIVE TIMING DIAGRAM PARAMETERS
Name
Description
MIN
TYP
MAX
Units
t1
The PS/2 Channel’s CLK and DATA lines
are floated following PS2_EN=1 and
PS2_T/R=0.
1000
ns
t2
Period of CLK
60
302
µs
t3
Duration of CLK high (active)
30
151
t4
Duration of CLK low (inactive)
t5
DATA setup time to falling edge of CLK.
MEC1322 samples the data line on the fall-
ing CLK edge.
1
t6
DATA hold time from falling edge of CLK.
MEC1322 samples the data line on the fall-
ing CLK edge.
2
t7
Duration of Data Frame. Falling edge of
Start bit CLK (1st clk) to falling edge of Par-
ity bit CLK (10th clk).
2.002
ms
t8
Falling edge of 11th CLK to RDATA_RDY
asserted.
1.6
µs
t9
Trailing edge of the EC’s RD signal of the
Receive Register to RDATA_RDY bit de-
asserted.
500
ns
t10
Trailing edge of the EC’s RD signal of the
Receive Register to the CLK line released
to high-Z.
t11
PS2_CLK is "Low" and PS2_DATA is "Hi-
Z" when PS2_EN is de-asserted.
t12
RDATA_RDY asserted an interrupt is gen-
erated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com