Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 408 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 408 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 404Page - Microchip Technology MEC1322 Datasheet HTML 405Page - Microchip Technology MEC1322 Datasheet HTML 406Page - Microchip Technology MEC1322 Datasheet HTML 407Page - Microchip Technology MEC1322 Datasheet HTML 408Page - Microchip Technology MEC1322 Datasheet HTML 409Page - Microchip Technology MEC1322 Datasheet HTML 410Page - Microchip Technology MEC1322 Datasheet HTML 411Page - Microchip Technology MEC1322 Datasheet HTML 412Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 456 page
background image
MEC1322
DS00001719D-page 408
 2014 - 2015 Microchip Technology Inc.
38.10 PS/2 Timing
FIGURE 38-15:
PS/2 TRANSMIT TIMING
TABLE 38-14: PS/2 CHANNEL TRANSMISSION TIMING PARAMETERS
Name
Description
MIN
TYP
MAX
Units
t1
The PS/2 Channel’s CLK and DATA lines
are floated following PS2_EN=1 and
PS2_T/R=0.
1000
ns
t2
PS2_T/R bit set to CLK driven low prepar-
ing the PS/2 Channel for data transmis-
sion.
t3
CLK line floated to XMIT_IDLE bit de-
asserted.
1.7
t4
Trailing edge of WR to Transmit Register to
DATA line driven low.
45
90
t5
Trailing edge of EC WR of Transmit Regis-
ter to CLK line floated.
90
130
ns
t6
Initiation of Start of Transmit cycle by the
PS/2 channel controller to the auxiliary
peripheral’s responding by latching the
Start bit and driving the CLK line low.
0.002
25.003
ms
t7
Period of CLK
60
302
µs
t8
Duration of CLK high (active)
30
151
t9
Duration of CLK low (inactive)
t10
Duration of Data Frame. Falling edge of
Start bit CLK (1st clk) to falling edge of Par-
ity bit CLK (10th clk).
2.002
ms
1
2
10
11
B0
B1
B2
B3
B4
B5
B6
B7
P
s
PS2_CLK
PS2_DAT
PS2_EN
PS2_T/R
XMIT_IDLE
RDATA_RDY
Write Tx Reg
Interrupt
t1
t2
t4
t3
t5
t6
t7
t9
t8
t10
t11
t12
t13
t14
t15
Note 1
t17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com