Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 405 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 405 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 401Page - Microchip Technology MEC1322 Datasheet HTML 402Page - Microchip Technology MEC1322 Datasheet HTML 403Page - Microchip Technology MEC1322 Datasheet HTML 404Page - Microchip Technology MEC1322 Datasheet HTML 405Page - Microchip Technology MEC1322 Datasheet HTML 406Page - Microchip Technology MEC1322 Datasheet HTML 407Page - Microchip Technology MEC1322 Datasheet HTML 408Page - Microchip Technology MEC1322 Datasheet HTML 409Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 405
MEC1322
38.7
PECI Interface
Note 38-9
The originator must drive a more restrictive time to allow for quantized sampling errors by a client
yet still attain the minimum time less than 500 µsec. tBIT limits apply equally to tBIT-A and tBIT-M . The
MEC1322 is designed to support 2 MHz, or a 500ns bit time. See the PECI 3.0 specification from
Intel Corp. for further details.
Note 38-10
The minimum and maximum bit times are relative to tBIT defined in the Timing Negotiation pulse. See
the PECI 3.0 specification from Intel Corp. for further details.
Note 38-11
“#nodes” is the number of nodes on the PECI bus; host and client nodes are counted as one each.
Extended trace lengths may appear as extra nodes. Refer also to Table 23-2, "PECI Routing
Guidelines". See the PECI 3.0 specification from Intel Corp. for further details.
Table 1.1
Name
Description
MIN
MAX
Units
Notes
tBIT
Bit time (overall time evident on PECI pin)
Bit time driven by an originator
0.495
0.495
500
250
µsec
µsec
Note 38-9
tBIT,jitter
Bit time jitter between adjacent bits in a PECI mes-
sage header or data bytes after timing has been
negotiated
--
%
tBIT,drift
Change in bit time across a PECI address or PECI
message bits as driven by the originator. This limit
only applies across tBIT-A bit drift and tBIT-M drift.
--
%
tH1
High level time for logic 1
0.6
0.8
tBIT
Note 38-
10
tH0
High level time for logic 0
0.2
0.4
tBIT
tPECIR
Rise time
(measured from VOL to VIH,min , Vtt(nom)−5%)
-30 +
(5 x #nodes)
ns
Note 38-
11
tPECIF
Fall time
(measured from VOH to VIL,max , Vtt(nom)+5%)
-
(30 x #nodes)
ns
Note 38-
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com