Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 402 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 402 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 398Page - Microchip Technology MEC1322 Datasheet HTML 399Page - Microchip Technology MEC1322 Datasheet HTML 400Page - Microchip Technology MEC1322 Datasheet HTML 401Page - Microchip Technology MEC1322 Datasheet HTML 402Page - Microchip Technology MEC1322 Datasheet HTML 403Page - Microchip Technology MEC1322 Datasheet HTML 404Page - Microchip Technology MEC1322 Datasheet HTML 405Page - Microchip Technology MEC1322 Datasheet HTML 406Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 456 page
background image
MEC1322
DS00001719D-page 402
 2014 - 2015 Microchip Technology Inc.
38.5.2
LPC INPUT TIMING
FIGURE 38-9:
INPUT TIMING MEASUREMENT CONDITIONS, LPC SIGNALS
38.5.3
LPC I/O TIMING
FIGURE 38-10:
I/O WRITE
FIGURE 38-11:
I/O READ
TABLE 38-8:
OUTPUT TIMING MEASUREMENT CONDITIONS, LPC SIGNALS PARAMETERS
Name
Description
MIN
TYP
MAX
Units
t1
LCLK to Signal Valid Delay – Bused Signals
2
11
ns
t2
Float to Active Delay
t3
Active to Float Delay
28
TABLE 38-9:
INPUT TIMING MEASUREMENT CONDITIONS, LPC SIGNALS PARAMETERS
Name
Description
MIN
TYP
MAX
Units
t1
Input Set Up Time to LCLK – Bused Signals
7
ns
t2
Input Hold Time from LCLK
0
Note:
L1=Start; L2=CYCTYP+DIR; L3=Sync of 0000
Note:
L1=Start; L2=CYCTYP+DIR; L3=Sync of 0000
Inputs Valid
t2
t1
LCLK
Input
L1
L2
Address
Data
TAR
Sync=0110
L3
TAR
LCLK
LFRAME#
LAD[3:0]#
L1
L2
Address
TAR
Sync=0110
L3
Data
TAR
LCLK
LFRAME#
LAD[3:0]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com