Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 399 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 399 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 395Page - Microchip Technology MEC1322 Datasheet HTML 396Page - Microchip Technology MEC1322 Datasheet HTML 397Page - Microchip Technology MEC1322 Datasheet HTML 398Page - Microchip Technology MEC1322 Datasheet HTML 399Page - Microchip Technology MEC1322 Datasheet HTML 400Page - Microchip Technology MEC1322 Datasheet HTML 401Page - Microchip Technology MEC1322 Datasheet HTML 402Page - Microchip Technology MEC1322 Datasheet HTML 403Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 399
MEC1322
Note 38-4
This time only applies if the external 32KHz clock input is available.
Note 38-5
SUSCLK is required to have an accuracy of +/- 100 ppm.
Note 38-6
The drift in frequency after frequency lock if the 32kHz clock is removed is determined by varying
temperature while voltage is held constant.
TABLE 38-4:
CLOCK TIMING PARAMETERS
Clock
Parameters
Symbol
MIN
TYP
MAX
Units
48 MHz Ring
Oscillator
Start-up accuracy (without 32 kHz
present)
fSU
22
-
53
MHz
Start-up delay from 0 MHz to Start-
up accuracy
tSU
--
6
µs
Operating Frequency (with 32 kHz
present after frequency lock to 48
MHz)
fOP
47.04
48
48.95
MHz
Adjustment Delay from Start-up
accuracy to Operating accuracy
(time to attain frequency lock - with
32 kHz present)
tADJ
0.03
-
4
(Note 38-4)
ms
Operating Frequency (with 32 kHz
removed after frequency locked to
48 MHz)
fOP
43.2
(Note 38-6)
-52.8
(Note 38-6)
MHz
SUSCLK
Operating Frequency
-
-
32.768
-
kHz
Period
-
(Note 38-5)
30.52
(Note 38-5)µs
High Time
-
10
us
Low Time
-
10
us
Fall Time
-
-
-
1
us
Rise Time
-
-
-
1
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com