Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 395 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 395 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 391Page - Microchip Technology MEC1322 Datasheet HTML 392Page - Microchip Technology MEC1322 Datasheet HTML 393Page - Microchip Technology MEC1322 Datasheet HTML 394Page - Microchip Technology MEC1322 Datasheet HTML 395Page - Microchip Technology MEC1322 Datasheet HTML 396Page - Microchip Technology MEC1322 Datasheet HTML 397Page - Microchip Technology MEC1322 Datasheet HTML 398Page - Microchip Technology MEC1322 Datasheet HTML 399Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 395
MEC1322
37.3
Thermal Characteristics
37.4
Power Consumption
TABLE 37-8:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min.
Typical
Max.
Unit
Consumer Temperature Devices
Operating Junction Temperature Range
TJ
—
—
+125
°C
Operating Ambient Temperature Range - Commercial
TA
0—
+70
°C
Operating Ambient Temperature Range - Industrial
TA
-40
—
+85
°C
Power Dissipation:
Internal Chip Power Dissipation:
PINT = VCC1 x IVCC1 from Table 37-10
(e.g., 3.45V x 9.75mA = 33.64mW)
I/O Pin Power Dissipation:
I/O = S (({VCC1 – VOH} x IOH) + S (VOL x IOL))
PD
PINT + PI/O
W
Maximum Allowed Power Dissipation
PDMAX
(TJ – TA)/
θJA
W
TABLE 37-9:
THERMAL PACKAGING CHARACTERISTICS
Characteristics
Symbol Typical
Max.
Unit
Notes
Package Thermal Resistance, 128-pin VTQFP
θJA
51.0
—
°C/W
1
θJC
25.0
—
°C/W
1
Package Thermal Resistance, 132-pin DQFN
θJA
28.0
—
°C/W
1
θJC
5.0
—
°C/W
1
Package Thermal Resistance, 144-pin WFBGA
θJA
50.0
—
°C/W
1
θJC
17.0
—
°C/W
1
Note 1:
Junction to ambient thermal resistance, Theta-JA (
θJA) and Junction to case thermal resistance, Theta-JC
(
θJC) numbers are achieved by package simulations.
TABLE 37-10: VCC1 SUPPLY CURRENT, I_VCC1
VCC2 VCC1
System
State
48 MHz
Ring
Oscillator
Frequency
Typical
(3.3V,
250 C)
Max
(3.465V,
700 C)
Max
(3.465V,
850 C)
Units
Comments
On
On
S0
48MHz
8.50
9.75
10.25
mA
FULL ON, 48MHz, LPC Clock ON
On
On
S0
12MHz
6.00
8.00
8.50
mA
FULL ON, 12MHz, LPC Clock ON
On
On
S0
3MHz
5.50
7.00
7.50
mA
FULL ON, 3MHz, LPC Clock ON
On
On
S0
1MHz
5.00
6.50
7.00
mA
FULL ON, 1MHz, LPC Clock ON
On
On
S0
12MHz
3.00
3.70
4.25
mA
Heavy Sleep 1, LPC Clock ON
On
On
S0
Off
0.80
1.50
2.10
mA
Heavy Sleep 2, LPC Clock ON
On
On
S0
Off
0.50
1.25
1.85
mA
Heavy Sleep 3, LPC Clock ON
Off
On
S5
48MHz
7.75
9.25
9.75
mA
FULL ON (48MHz), LPC Clock Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com