Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 394 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 394 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 390Page - Microchip Technology MEC1322 Datasheet HTML 391Page - Microchip Technology MEC1322 Datasheet HTML 392Page - Microchip Technology MEC1322 Datasheet HTML 393Page - Microchip Technology MEC1322 Datasheet HTML 394Page - Microchip Technology MEC1322 Datasheet HTML 395Page - Microchip Technology MEC1322 Datasheet HTML 396Page - Microchip Technology MEC1322 Datasheet HTML 397Page - Microchip Technology MEC1322 Datasheet HTML 398Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 456 page
background image
MEC1322
DS00001719D-page 394
 2014 - 2015 Microchip Technology Inc.
37.2.4.1
Pin Leakage
Leakage characteristics for all pins is shown in the following table:
37.2.4.2
Backdrive Protection
All signal pins are Backdrive Protected except those listed in the Pin Configuration chapter as non-backdrive protected.
37.2.5
ADC ELECTRICAL CHARACTERISTICS
Crystal oscillator
XTAL1 (OCLK)
The MEC1322 crystal oscillator design requires a 32.768 KHz parallel resonant crystal with
load caps in the range 4-18pF. Refer to “Application Note PCB Layout Guide for MEC1322”
for more information.
XTAL2 (ICLK)
Low Input Level
High Input Level
VILI
VILH
2.0
0.4
V
V
VIN = 0 to VCC1
TABLE 37-5:
PIN LEAKAGE
(TA = 0oC to +85oC)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments
Leakage Current
IIL
+/-2
µA
VIN=0V to VCC1
TABLE 37-6:
BACKDRIVE PROTECTION
(TA = 0oC to +85oC)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments
Input Leakage
IIL
-2
+2
µA
VIN=3.47V@VCC1=0V
TABLE 37-7:
ADC CHARACTERISTICS
Parameter
MIN
TYP
MAX
Units
Analog Supply Voltage, AVCC
3.135
3.3
3.465
V
Resolution
–
–
10
Bits
Accuracy
–
1
–
LSB
Differential Non Linearity, DNL
-1
–
+1
LSB
Integral Non Linearity, INL
-1.5
–
+1.5
LSB
Gain Error, EGAIN
-2
–
2
LSB
Offset Error, EOFFSET
-2
–
2
LSB
Conversion Time
–
–
12
μs/channel
Input Impedance
3
–
–
M
Ω
Note:
The AVCC power supply accuracy is shown as 3.3V +/- 5%.
TABLE 37-4:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com