Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 393 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 393 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 389Page - Microchip Technology MEC1322 Datasheet HTML 390Page - Microchip Technology MEC1322 Datasheet HTML 391Page - Microchip Technology MEC1322 Datasheet HTML 392Page - Microchip Technology MEC1322 Datasheet HTML 393Page - Microchip Technology MEC1322 Datasheet HTML 394Page - Microchip Technology MEC1322 Datasheet HTML 395Page - Microchip Technology MEC1322 Datasheet HTML 396Page - Microchip Technology MEC1322 Datasheet HTML 397Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 393
MEC1322
PCI_PIO Type Buffer
All PCI_PIO Buffers
Pull-up current
IPU
0.611.5
mA
Internal PU is selected via the GPIO
Pin Control Register.
PCI_CLK Type Buffer
PCI_IO Type Buffers
PCI_OD Type Buffer
PCI_ICLK
PCI_IO
PCI_O
PCI_I
PCI_OD
See PCI Local Bus Specification Rev.
2.1
These buffers are not not 5V tolerant
buffers and they are not backdrive pro-
tected.
PECI Type Buffer
VREF Buffer
Connects to CPU Voltage pin
(Processor dependent)
PECI Bus Voltage
VBUS
0.95
1.26
V
Input current
IDC
100
µA
Input Low Current
ILEAK
-10
+10
µA
This buffer is not 5V tolerant
This buffer is not backdrive protected.
PECI_I Buffer
All input and output voltages are a
function of VREF buffer input.
Input voltage range
VIn
-0.3
VREF +
0.3
V
Low Input Level
VIL
0.275
×
VREF
V
High Input Level
VIH
0.725
×
VREF
V
This buffer is not 5V tolerant
This buffer is not backdrive protected.
PECI_IO
All input and output voltages are a
function of VREF buffer input.
See PECI Specification.
Input voltage range
VIn
-0.3
VREF +
0.3
V
Hysteresis
VHYS
0.1
×
VREF
0.2
×
VREF
V
Low Input Level
VIL
0.275
×
VREF
V
High Input Level
VIH
0.725
×
VREF
V
Low Output Level
VOL
0.25
×
VREF
V
0.5mA < IOL < 1mA
High Output Level
VOH
0.75
×
VREF
VIOH = -6mA
Tolerance
3.63
V
This buffer is not 5V tolerant
This buffer is not backdrive protected.
TABLE 37-4:
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Parameter
Symbol
MIN
TYP
MAX
Units
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com