Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 397 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 397 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 393Page - Microchip Technology MEC1322 Datasheet HTML 394Page - Microchip Technology MEC1322 Datasheet HTML 395Page - Microchip Technology MEC1322 Datasheet HTML 396Page - Microchip Technology MEC1322 Datasheet HTML 397Page - Microchip Technology MEC1322 Datasheet HTML 398Page - Microchip Technology MEC1322 Datasheet HTML 399Page - Microchip Technology MEC1322 Datasheet HTML 400Page - Microchip Technology MEC1322 Datasheet HTML 401Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 397
MEC1322
38.0 TIMING DIAGRAMS
38.1
Voltage Thresholds and Power Good Timing
38.1.1
VCC1_RST# TIMING
FIGURE 38-1:
VCC1_RST# TIMING
Note 38-1
The ARM starts executing instructions when EC_PROC_ RESET deasserts, which has the same
timing as t3.
FIGURE 38-2:
VCC1_RST# RISE TIME
Note 38-2
This corresponds to the time 2.65us (min) after the VCC1_RST# pin is released, the VCC1_RST#
pin input is sampled. See Section 3.6.1, "Integrated Vcc1 Power On Reset (VCC1_RST#)," on
page 53.
Note:
Timing values are preliminary and may change after characterization.
TABLE 38-1:
VCC1_RST# TIMING
Parameters
Symbol
MIN
TYP
MAX
Unit
Notes
VCC1 Threshold for Pin Glitch Protection
active
VTH1
0.9
1
1.1
V
VCC1 Power Good Threshold
VTH2
2.16
2.4
2.64
V
VCC1 Rise Time (Off to VCC1 =VThreshold)VRise
200
μs
VCC1 Fall Time (VCC1 =VThreshold) to Off
VFall
200
μs
VCC1 > VTH2 to VCC1GD (internal) asserted t1
600
μs
VCC1 < VTH2 to VCC1GD (internal) deas-
serted and VCC1_RST# pin asserted
t2
100
ns
VCC1 > VTH2 to VCC1_RST# pin deasserted t3
1
ms
Note 38-1
TABLE 38-2:
VCC1_RST# RISE TIME
Parameters
Symbol
MIN
TYP
MAX
Units
Notes
VCC1_RST# Rise Time
t1
2.65
μs
Note 38-2
U ndefin ed
F unc tional
t1
F o rc ed to lo gic ‘0 ’
F o rc ed to lo gic ‘0 ’
V CC1 G D (in te r n a l)
G litc h pr ote c te d
S ig n a l output
V CC1
U ndefined
t2
V TH 2
V TH 2
V TH 1
V TH 1
VC C 1 _ R ST # Pin
t3
V CC1 _ R S T # P in
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com