Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 400 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 400 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 396Page - Microchip Technology MEC1322 Datasheet HTML 397Page - Microchip Technology MEC1322 Datasheet HTML 398Page - Microchip Technology MEC1322 Datasheet HTML 399Page - Microchip Technology MEC1322 Datasheet HTML 400Page - Microchip Technology MEC1322 Datasheet HTML 401Page - Microchip Technology MEC1322 Datasheet HTML 402Page - Microchip Technology MEC1322 Datasheet HTML 403Page - Microchip Technology MEC1322 Datasheet HTML 404Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 456 page
background image
MEC1322
DS00001719D-page 400
 2014 - 2015 Microchip Technology Inc.
38.3
GPIO Timings
FIGURE 38-5:
GPIO TIMING
TABLE 38-5:
GPIO TIMING PARAMETERS
Symbol
Parameter
MIN
TYP
MAX
Unit
Notes
tR
GPIO Rise Time (push-pull)
0.54
1.31
ns
Pad type = IO2
CL=2pF
tF
GPIO Fall Time
0.52
1.27
ns
tR
GPIO Rise Time (push-pull)
0.58
1.46
ns
Pad type = IO4
CL=5pF
tF
GPIO Fall Time
0.62
1.48
ns
tR
GPIO Rise Time (push-pull)
0.80
2.00
ns
Pad type = IO8
CL=10pF
tF
GPIO Fall Time
0.80
1.96
ns
tR
GPIO Rise Time (push-pull)
1.02
2.46
ns
Pad type = IO12
CL=20pF
tF
GPIO Fall Time
1.07
2.51
ns
tpulse
GPIO Pulse Width
60
ns
GP IO xxx
Tr
Tf
Tp ulse
Tp ulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com