Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 404 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 404 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 400Page - Microchip Technology MEC1322 Datasheet HTML 401Page - Microchip Technology MEC1322 Datasheet HTML 402Page - Microchip Technology MEC1322 Datasheet HTML 403Page - Microchip Technology MEC1322 Datasheet HTML 404Page - Microchip Technology MEC1322 Datasheet HTML 405Page - Microchip Technology MEC1322 Datasheet HTML 406Page - Microchip Technology MEC1322 Datasheet HTML 407Page - Microchip Technology MEC1322 Datasheet HTML 408Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 456 page
background image
MEC1322
DS00001719D-page 404
 2014 - 2015 Microchip Technology Inc.
38.6
Serial Port (UART) Data Timing
FIGURE 38-13:
SERIAL PORT DATA
Note 38-8
tBR is 1/Baud Rate. The Baud Rate is programmed through the Baud_Rate_Divisor bits located in
the Programmable Baud Rate Generator registers. The selectable baud rates are listed in Table 14-
7, "UART Baud Rates using Clock Source 1.8432MHz_Clk" and Table 14-8, "UART Baud Rates using
Clock Source 24MHz_Clk". Some of the baud rates have some percentage of error because the clock
does not divide evenly. This error can be determined from the values in these baud rate tables.
TABLE 38-11: SERIAL PORT DATA PARAMETERS
Name
Description
MIN
TYP
MAX
Units
t1
Serial Port Data Bit Time
tBR
(Note 3
8-8)
nsec
Data (5-8 Bits)
t1
Data
TXD1, 2
Start
Parity
Stop (1-2 Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com