Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 401 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 401 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 397Page - Microchip Technology MEC1322 Datasheet HTML 398Page - Microchip Technology MEC1322 Datasheet HTML 399Page - Microchip Technology MEC1322 Datasheet HTML 400Page - Microchip Technology MEC1322 Datasheet HTML 401Page - Microchip Technology MEC1322 Datasheet HTML 402Page - Microchip Technology MEC1322 Datasheet HTML 403Page - Microchip Technology MEC1322 Datasheet HTML 404Page - Microchip Technology MEC1322 Datasheet HTML 405Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 401
MEC1322
38.4
LPC LCLK Timing
FIGURE 38-6:
LPC CLOCK TIMING
Note 38-7
The standard clock frequency supported is 33MHz (max 33.3ns period). Setting the Handshake bit
in the Host Interface allows the LPC interface to support a PCI clock rate from 19.2MHz to 33MHz.
38.5
LPC RESET# Timing
FIGURE 38-7:
RESET TIMING
38.5.1
LPC BUS TIMING
FIGURE 38-8:
OUTPUT TIMING MEASUREMENT CONDITIONS, LPC SIGNALS
TABLE 38-6:
LPC CLOCK TIMING PARAMETERS
Name
Description
MIN
TYP
MAX
Units
t1
Period
30
57
(Note 38-
7)
nsec
t2
High Time
11
t3
Low Time
t4
Rise Time
3
t5
Fall Time
TABLE 38-7:
RESET TIMING PARAMETERS
Name
Description
MIN
TYP
MAX
Units
t1
LRESET# width
1
ms
t1
t3
t2
LC LK
t5
t4
t1
LR ES ET #
t3
t2
t1
LCLK
Output Delay
Tri-State Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com