Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 390 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 390 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 386Page - Microchip Technology MEC1322 Datasheet HTML 387Page - Microchip Technology MEC1322 Datasheet HTML 388Page - Microchip Technology MEC1322 Datasheet HTML 389Page - Microchip Technology MEC1322 Datasheet HTML 390Page - Microchip Technology MEC1322 Datasheet HTML 391Page - Microchip Technology MEC1322 Datasheet HTML 392Page - Microchip Technology MEC1322 Datasheet HTML 393Page - Microchip Technology MEC1322 Datasheet HTML 394Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 456 page
background image
MEC1322
DS00001719D-page 390
 2014 - 2015 Microchip Technology Inc.
37.2.2
AC ELECTRICAL SPECIFICATIONS
The clock rise and fall times use the standard input thresholds of 0.8V and 2.0V unless otherwise specified and the
capacitive values listed in Section 37.2.2, "AC Electrical Specifications," on page 390.
37.2.3
CAPACITIVE LOADING SPECIFICATIONS
The following table defines the maximum capacitive load validated for the buffer characteristics listed in Table 37-4, “DC
Electrical Characteristics,” on page 391.
CAPACITANCE TA = 25°C; fc = 1MHz; Vcc = 3.3 VDC
Note 37-2
The PCI buffers are designed to meet the defined PCI Local Bus Specification, Rev. 2.1, electrical
requirements.
Note 37-3
All input buffers can be characterized by this capacitance unless otherwise specified.
Note 37-4
All output buffers can be characterized by this capacitance unless otherwise specified.
Note:
All output pins, except pin under test, tied to AC ground.
Parameter
Symbol
Limits
Unit
Notes
MIN
TYP
MAX
Input Capacitance of PCI_I and
PCI_IO pins
CIN
Note 37-2
pF
Input Capacitance of PCI_CLK pin
CIN
Note 37-2
pF
Output Load Capacitance supported
by PCI_IO, PCI_O, and PCI_OD
COUT
Note 37-2
pF
SUSCLK Input Capacitance
CIN
10
pF
Input Capacitance of PECI_I and
PECI_IO
CIN
10
pF
Output Load Capacitance supported
by PECI_IO and OD_PH
COUT
10
pF
Input Capacitance (all other input
pins)
CIN
10
pF
Note 37-3
Output Capacitance (all other output
pins)
COUT
20
pF
Note 37-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com