Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 391 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 391 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 387Page - Microchip Technology MEC1322 Datasheet HTML 388Page - Microchip Technology MEC1322 Datasheet HTML 389Page - Microchip Technology MEC1322 Datasheet HTML 390Page - Microchip Technology MEC1322 Datasheet HTML 391Page - Microchip Technology MEC1322 Datasheet HTML 392Page - Microchip Technology MEC1322 Datasheet HTML 393Page - Microchip Technology MEC1322 Datasheet HTML 394Page - Microchip Technology MEC1322 Datasheet HTML 395Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 391
MEC1322
37.2.4
DC ELECTRICAL CHARACTERISTICS FOR I/O BUFFERS
TABLE 37-4:
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
MIN
TYP
MAX
Units
Comments
PIO Type Buffer
All PIO Buffers
Pull-up current
Pull-down current
IPU
IPD
39
39
84
65
162
105
μA
μA
Internal PU/PD selected via the GPIO
Pin Control Register.
I Type Input Buffer
Low Input Level
High Input Level
Tolerance
Schmitt Trigger Hyster-
esis
VILI
VIHI
VHYS
0.7x
VCC1
400
0.3x
VCC1
3.63
V
V
V
mV
TTL Compatible Schmitt Trigger Input
This buffer is not 5V tolerant.
O-2 mA Type Buffer
Low Output Level
High Output Level
Tolerance
VOL
VOH
VCC1-
0.4
0.4
V
V
IOL = 2 mA
IOH = -2 mA
This buffer is not 5V tolerant.
IO-2 mA Type Buffer
_
_
_
_
_
Same characteristics as an I and an O-
2mA.
OD-2 mA Type Buffer
Low Output Level
Tolerance
VOL
0.4
V
VOL = 2 mA
This buffer is not 5V tolerant.
IOD-2 mA Type Buffer
_
_
_
_
_
Same characteristics as an I and an
OD-2mA.
O-4 mA Type Buffer
Low Output Level
High Output Level
Tolerance
VOL
VOH
VCC1-
0.4
0.4
V
V
IOL = 4 mA
IOH = -4 mA
This buffer is not 5V tolerant.
IO-4 mA Type Buffer
_
_
_
_
_
Same characteristics as an I and an O-
4mA.
OD-4 mA Type Buffer
Low Output Level
Tolerance
VOL
0.4
V
VOL = 4 mA
This buffer is not 5V tolerant.
IOD-4 mA Type Buffer
_
_
_
_
_
Same characteristics as an I and an
OD-4mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com