Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 409 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 409 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 405Page - Microchip Technology MEC1322 Datasheet HTML 406Page - Microchip Technology MEC1322 Datasheet HTML 407Page - Microchip Technology MEC1322 Datasheet HTML 408Page - Microchip Technology MEC1322 Datasheet HTML 409Page - Microchip Technology MEC1322 Datasheet HTML 410Page - Microchip Technology MEC1322 Datasheet HTML 411Page - Microchip Technology MEC1322 Datasheet HTML 412Page - Microchip Technology MEC1322 Datasheet HTML 413Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 409
MEC1322
t11
DATA output by MEC1322 following the
falling edge of CLK. The auxiliary periph-
eral device samples DATA following the ris-
ing edge of CLK.
1.0
µs
t12
Rising edge following the 11th falling clock
edge to PS_T/R bit driven low.
3.5
7.1
µs
t13
Trailing edge of PS_T/R to XMIT_IDLE bit
asserted.
500
ns
t14
DATA released to high-Z following the
PS2_T/R bit going low.
t15
XMIT_IDLE bit driven high to interrupt gen-
erated.
Note1- Interrupt is cleared by writing a 1 to
the status bit in the GIRQ17 source regis-
ter.
t17
Trailing edge of CLK is held low prior to
going high-Z
FIGURE 38-16:
PS/2 RECEIVE TIMING
TABLE 38-14: PS/2 CHANNEL TRANSMISSION TIMING PARAMETERS (CONTINUED)
Name
Description
MIN
TYP
MAX
Units
t6
t5
t4
t3
t2
t7
t1
t8
t9
t10
t12
t11
RDATA_RDY
Interrupt
PS2_EN
Read Rx Reg
D3
D0
D2
D5
D4
D6
D7
P
S
D1
PS2_DATA
PS2_CLK
PS2_T/R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com