Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 430 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 430 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 426Page - Microchip Technology MEC1322 Datasheet HTML 427Page - Microchip Technology MEC1322 Datasheet HTML 428Page - Microchip Technology MEC1322 Datasheet HTML 429Page - Microchip Technology MEC1322 Datasheet HTML 430Page - Microchip Technology MEC1322 Datasheet HTML 431Page - Microchip Technology MEC1322 Datasheet HTML 432Page - Microchip Technology MEC1322 Datasheet HTML 433Page - Microchip Technology MEC1322 Datasheet HTML 434Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 456 page
background image
MEC1322
DS00001719D-page 430
 2014 - 2015 Microchip Technology Inc.
40009080
PS/2
2
Registers
PS/2 Transmit Buffer Reg-
ister
40009084
PS/2
2
Registers
PS/2 Control Register
40009088
PS/2
2
Registers
PS/2 Status Register
400090C0
PS/2
3
Registers
PS/2 Transmit Buffer Reg-
ister
400090C0
PS/2
3
Registers
PS/2 Receive Buffer Regis-
ter
400090C4
PS/2
3
Registers
PS/2 Control Register
400090C8
PS/2
3
Registers
PS/2 Status Register
40009400
EC GP-SPI
0
GP-SPI_EC_Only
SPI Enable Register
40009404
EC GP-SPI
0
GP-SPI_EC_Only
SPI Control Register
40009408
EC GP-SPI
0
GP-SPI_EC_Only
SPI Status Register
4000940C
EC GP-SPI
0
GP-SPI_EC_Only
SPI TX_Data Register
40009410
EC GP-SPI
0
GP-SPI_EC_Only
SPI RX_Data Register
40009414
EC GP-SPI
0
GP-SPI_EC_Only
SPI Clock Control Register
40009418
EC GP-SPI
0
GP-SPI_EC_Only
SPI Clock Generator Reg-
ister
40009480
EC GP-SPI
1
GP-SPI_EC_Only
SPI Enable Register
40009484
EC GP-SPI
1
GP-SPI_EC_Only
SPI Control Register
40009488
EC GP-SPI
1
GP-SPI_EC_Only
SPI Status Register
4000948C
EC GP-SPI
1
GP-SPI_EC_Only
SPI TX_Data Register
40009490
EC GP-SPI
1
GP-SPI_EC_Only
SPI RX_Data Register
40009494
EC GP-SPI
1
GP-SPI_EC_Only
SPI Clock Control Register
40009498
EC GP-SPI
1
GP-SPI_EC_Only
SPI Clock Generator Reg-
ister
40009800
Hibernation Timer
0
Registers
HTimer x Preload Register
40009804
Hibernation Timer
0
Registers
Hibernation Timer x Control
Register
40009808
Hibernation Timer
0
Registers
Hibernation Timer x Count
Register
40009C00
Keyboard Matrix Scan
Support
0
Registers
Reserved
40009C04
Keyboard Matrix Scan
Support
0
Registers
KSO Select Register
40009C08
Keyboard Matrix Scan
Support
0
Registers
KSI Input Register
40009C0C
Keyboard Matrix Scan
Support
0
Registers
KSI Status Register
40009C10
Keyboard Matrix Scan
Support
0
Registers
KSI Interrupt Enable Regis-
ter
40009C14
Keyboard Matrix Scan
Support
0
Registers
Keyscan Extended Control
Register
4000A000
RPM Fan Control
0
RPM_FAN
Fan Setting
4000A001
RPM Fan Control
0
RPM_FAN
PWM Divide
4000A002
RPM Fan Control
0
RPM_FAN
Fan Configuration 1
Address
(Hex)
HW Block Instance
Name
HW Block
Instance No.
Reg. Bank Name
Reg. Instance Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com