Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 431 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 431 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 427Page - Microchip Technology MEC1322 Datasheet HTML 428Page - Microchip Technology MEC1322 Datasheet HTML 429Page - Microchip Technology MEC1322 Datasheet HTML 430Page - Microchip Technology MEC1322 Datasheet HTML 431Page - Microchip Technology MEC1322 Datasheet HTML 432Page - Microchip Technology MEC1322 Datasheet HTML 433Page - Microchip Technology MEC1322 Datasheet HTML 434Page - Microchip Technology MEC1322 Datasheet HTML 435Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 431
MEC1322
4000A003
RPM Fan Control
0
RPM_FAN
Fan Configuration 2
4000A004
RPM Fan Control
0
RPM_FAN
MCHP Reserved
4000A005
RPM Fan Control
0
RPM_FAN
Gain
4000A006
RPM Fan Control
0
RPM_FAN
Fan Spin Up Configuration
4000A007
RPM Fan Control
0
RPM_FAN
Fan Step
4000A008
RPM Fan Control
0
RPM_FAN
Fan Minimum Drive
4000A009
RPM Fan Control
0
RPM_FAN
Valid Tach Count
4000A00A
RPM Fan Control
0
RPM_FAN
Fan Drive Fail Band Low
Byte
4000A00B
RPM Fan Control
0
RPM_FAN
Fan Drive Fail Band High
Byte
4000A00C
RPM Fan Control
0
RPM_FAN
Tach Target Low Byte
4000A00D
RPM Fan Control
0
RPM_FAN
Tach Target High Byte
4000A00E
RPM Fan Control
0
RPM_FAN
Tach Reading Low Byte
4000A00F
RPM Fan Control
0
RPM_FAN
Tach Reading High Byte
4000A010
RPM Fan Control
0
RPM_FAN
PWM Driver Base Fre-
quency
4000A011
RPM Fan Control
0
RPM_FAN
Fan Status
4000A012
RPM Fan Control
0
RPM_FAN
Reserved
4000A014
RPM Fan Control
0
RPM_FAN
RPM Fan Test
4000A015
RPM Fan Control
0
RPM_FAN
RPM Fan Test1
4000A016
RPM Fan Control
0
RPM_FAN
RPM Fan Test2
4000A017
RPM Fan Control
0
RPM_FAN
RPM Fan Test3
4000A400
VBAT Registers
0
VBAT_EC_REG_BANK
Power-Fail and Reset Sta-
tus Register
4000A404
VBAT Registers
0
VBAT_EC_REG_BANK
Control
4000A800
VBAT Powered RAM
0
Registers
VBAT Backed Memory
4000AC00
SMB Device Interface
1
SMB_EC_Only
Control Register
4000AC00
SMB Device Interface
1
SMB_EC_Only
Status Register
4000AC01
SMB Device Interface
1
SMB_EC_Only
Reserved
4000AC04
SMB Device Interface
1
SMB_EC_Only
Own Address Register
4000AC06
SMB Device Interface
1
SMB_EC_Only
Reserved
4000AC08
SMB Device Interface
1
SMB_EC_Only
Data
4000AC09
SMB Device Interface
1
SMB_EC_Only
Reserved
4000AC0C
SMB Device Interface
1
SMB_EC_Only
SMBus Master Command
Register
4000AC10
SMB Device Interface
1
SMB_EC_Only
SMBus Slave Command
Register
4000AC14
SMB Device Interface
1
SMB_EC_Only
PEC Register
4000AC15
SMB Device Interface
1
SMB_EC_Only
Reserved
4000AC18
SMB Device Interface
1
SMB_EC_Only
DATA_TIMING2
4000AC19
SMB Device Interface
1
SMB_EC_Only
Reserved
4000AC20
SMB Device Interface
1
SMB_EC_Only
Completion Register
4000AC24
SMB Device Interface
1
SMB_EC_Only
Idle Scaling Register
Address
(Hex)
HW Block Instance
Name
HW Block
Instance No.
Reg. Bank Name
Reg. Instance Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com