Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 434 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 434 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 430Page - Microchip Technology MEC1322 Datasheet HTML 431Page - Microchip Technology MEC1322 Datasheet HTML 432Page - Microchip Technology MEC1322 Datasheet HTML 433Page - Microchip Technology MEC1322 Datasheet HTML 434Page - Microchip Technology MEC1322 Datasheet HTML 435Page - Microchip Technology MEC1322 Datasheet HTML 436Page - Microchip Technology MEC1322 Datasheet HTML 437Page - Microchip Technology MEC1322 Datasheet HTML 438Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 456 page
background image
MEC1322
DS00001719D-page 434
 2014 - 2015 Microchip Technology Inc.
4000B435
SMB Device Interface
3
SMB_EC_Only
Reserved
4000B438
SMB Device Interface
3
SMB_EC_Only
Bit-Bang Control Register
4000B439
SMB Device Interface
3
SMB_EC_Only
Reserved
4000B43C
SMB Device Interface
3
SMB_EC_Only
Clock Sync
4000B440
SMB Device Interface
3
SMB_EC_Only
Data Timing Register
4000B444
SMB Device Interface
3
SMB_EC_Only
Time-Out Scaling Register
4000B448
SMB Device Interface
3
SMB_EC_Only
SMBus Slave Transmit
Buffer Register
4000B449
SMB Device Interface
3
SMB_EC_Only
Reserved
4000B44C
SMB Device Interface
3
SMB_EC_Only
SMBus Slave Receive Buf-
fer Register
4000B44D
SMB Device Interface
3
SMB_EC_Only
Reserved
4000B450
SMB Device Interface
3
SMB_EC_Only
SMBus Master Transmit
Bufer Register
4000B451
SMB Device Interface
3
SMB_EC_Only
Reserved
4000B454
SMB Device Interface
3
SMB_EC_Only
SMBus Master Receive
Buffer Register
4000B455
SMB Device Interface
3
SMB_EC_Only
Reserved
4000B800
LED
0
EC-Only Registers
LED Configuration
4000B804
LED
0
EC-Only Registers
LED Limits
4000B808
LED
0
EC-Only Registers
LED Delay
4000B80C
LED
0
EC-Only Registers
LED Update Stepsize
4000B810
LED
0
EC-Only Registers
LED Update Interval
4000B900
LED
1
EC-Only Registers
LED Configuration
4000B904
LED
1
EC-Only Registers
LED Limits
4000B908
LED
1
EC-Only Registers
LED Delay
4000B90C
LED
1
EC-Only Registers
LED Update Stepsize
4000B910
LED
1
EC-Only Registers
LED Update Interval
4000BA00
LED
2
EC-Only Registers
LED Configuration
4000BA04
LED
2
EC-Only Registers
LED Limits
4000BA08
LED
2
EC-Only Registers
LED Delay
4000BA0C
LED
2
EC-Only Registers
LED Update Stepsize
4000BA10
LED
2
EC-Only Registers
LED Update Interval
4000BB00
LED
3
EC-Only Registers
LED Configuration
4000BB04
LED
3
EC-Only Registers
LED Limits
4000BB08
LED
3
EC-Only Registers
LED Delay
4000BB0C
LED
3
EC-Only Registers
LED Update Stepsize
4000BB10
LED
3
EC-Only Registers
LED Update Interval
4000BC00
BC-Link Master
0
Registers
BC-Link Status Register
4000BC04
BC-Link Master
0
Registers
BC-Link Address Register
4000BC08
BC-Link Master
0
Registers
BC-Link Data Register
4000BC0C
BC-Link Master
0
Registers
BC-Link Clock Select Reg-
ister
Address
(Hex)
HW Block Instance
Name
HW Block
Instance No.
Reg. Bank Name
Reg. Instance Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com