Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 61Page - STMicroelectronics L9663 Datasheet HTML 62Page - STMicroelectronics L9663 Datasheet HTML 63Page - STMicroelectronics L9663 Datasheet HTML 64Page - STMicroelectronics L9663 Datasheet HTML 65Page - STMicroelectronics L9663 Datasheet HTML 66Page - STMicroelectronics L9663 Datasheet HTML 67Page - STMicroelectronics L9663 Datasheet HTML 68Page - STMicroelectronics L9663 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
DocID028693 Rev 1
65/104
L9663
Communication interface
103
DCR (PROG)
Direct Command Register
Address:
011110
Type:
WO
Description:
A write operation on this register carries out specific actions, depending on the bits
written.
1) In order to perform a software reset of the L9663, the hexadecimal value 0x5555
("unlock reset" command) has first to be written into this register, followed by the
hexadecimal value 0xA5A5 ("reset" command) in the next SPI cycle. If this condition
is not met, no software reset will occur.
2) In order to reset the UDB1 (Upstream Data Buffer 1) for ECU-to-sensor
communication on the PSI5 channel 1, 0x00FF has to be written to this register. This
also resets the UDB1_RDY bit in the UDBCR register to 0.
3) In order to reset the UDB2 (Upstream Data Buffer 2) for ECU-to-sensor
communication on the PSI5 channel 2, 0xFF00 has to be written to this register. This
also resets the UDB2_RDY bit in the UDBCR register to 0.
4) Writing the hexadecimal value 0x1111 into this register locks the configuration
registers (EOP, End Of Programming), i.e. it is no longer possible to write the
configuration registers (marked with PROG). The PROG bit in the SPI Status bits is '0'
after the EOP command has been sent. This bit is reset to '1' at device reset (POR,
RESETN, SW_RESET or clock error).
5) If value 0x9999 is written into this register the writing of STS or STSR registers is
allowed. This is intended to grant a safety enabler for writing these couple of
registers. If value 0x9999 is written in PROG phase, then both STS and STSR
registers are allowed to be written, otherwise only STSR is allowed. To disable writing
these two registers, value 0x9090 has to be written here. The status of the
configuration (STS and STSR registers writeable or not) is shown with the STS_EN
bit in the SR3 register.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
----------------
WO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com