Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 98 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 94Page - STMicroelectronics L9663 Datasheet HTML 95Page - STMicroelectronics L9663 Datasheet HTML 96Page - STMicroelectronics L9663 Datasheet HTML 97Page - STMicroelectronics L9663 Datasheet HTML 98Page - STMicroelectronics L9663 Datasheet HTML 99Page - STMicroelectronics L9663 Datasheet HTML 100Page - STMicroelectronics L9663 Datasheet HTML 101Page - STMicroelectronics L9663 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 104 page
background image
Errata
L9663
98/104
DocID028693 Rev 1
7
Errata
– Ch 1, slot 6
– Ch 2, slot 6
– Ch 1, slot 5
– Ch 2, slot 5
–…
– Ch 2, slot 1
– Ch 1, slot 1
– Ch 2, slot 1
–1μs ≤ tw ≤ 5μs ≥ a short pulse is generated, PSI5 standard
compliant; ≥ Correct short pulse
– tw > 5μs ≥ the pulse could be not compliant with PSI5 standard,
two consecutive pulses could be generated instead of a single
pulse. ≥ Wrong pulse
Table 27. Errata
BugID#
Component
Revision
Category /
Function
Issue Description
1526
L9663BA
Asynchronous
Mode
FIFO_LOCK could still stay set even after clearing of the data
buffer registers of the 2 PSI5 channels.
Assuming a low data rate from sensor compared to SPI readout,
the proposed workaround is to read both FIFOs in the following
sequence:
Afterwards, if the FIFO_LOCK bit is still high, the following read
commands are needed:
1822
L9663BA
Sync Pulse
If the IC is configured to control the sync pulse length via pin
(PSIx_EXT_UDB=0 and PSIx_TRIG_SEL=00/11, x=1 or 2) the
generated sync pulse could be not compliant with the PSI5
standard, depending on the trigger pulse duration tw.
1830
L9663BA
Cross coupling
test
XCTRSLT1/2 fault flags are swapped in master mode
3367
L9663BA
Clock monitor by
internal oscillator
The internal clock monitor (disabled by default) is not accurate
enough: fCLKERR_H/L thresholds overlap the main oscillator
operating range.
This function is disabled by default, it can be enabled by ST only
(burning a dedicated OTP bit).
If enabled it could detect false errors. => Activation is forbidden.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com