Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 93 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 89Page - STMicroelectronics L9663 Datasheet HTML 90Page - STMicroelectronics L9663 Datasheet HTML 91Page - STMicroelectronics L9663 Datasheet HTML 92Page - STMicroelectronics L9663 Datasheet HTML 93Page - STMicroelectronics L9663 Datasheet HTML 94Page - STMicroelectronics L9663 Datasheet HTML 95Page - STMicroelectronics L9663 Datasheet HTML 96Page - STMicroelectronics L9663 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 104 page
background image
DocID028693 Rev 1
93/104
L9663
Electrical characteristics
103
ILimit
Static current limitation for each
transceiver output PSIx (only for sync
pulse generator)
-280
-
-110
mA
td_SPI
Delay between end of SPI trigger
command and start of sync pulse (t1)
-
-
2.2
μs
td_SYNC
Delay between SYNC pin command
filtered (tdeglitch not included) and start
of sync pulse (t1)
--
1
μs
1. Only the short sync pulse can be triggered by PIN (tw ≤5 μs), see errata 1822, Section 7.
Table 19. Reset
Symbol
Parameter / Condition
Min
Typ
Max
Unit
VRESETN_THR_High Input high threshold of RESETN pin
-
-
2
V
VRESETN_THR_Low
Input low threshold of RESETN pin
1
-
-
V
VRESETN_HYS
Hysteresis of RESETN pin thresholds
100
150
-
mV
IRESETN
Input Pull-Down current source
30
45
60
μA
tRESETN
Reset detection filter time
1-
-
4
μs
Table 20. VAS under/over voltage monitoring
Symbol
Parameter / Condition
Min
Typ
Max
Unit
VVASU_low
VAS under voltage monitoring threshold
(low voltage mode)
4.5
-
4.85
V
VVASU_inc
VAS under voltage monitoring threshold
(increased voltage mode)
6.5
-
6.95
V
VVASO_low
VAS over voltage monitoring threshold
(low voltage mode)
6.5
-
6.95
V
VVASO_inc
VAS over voltage monitoring threshold
(increased voltage mode)
8.2
-
8.8
V
VVASU_off
VAS low under voltage monitoring threshold (both
increased and low voltage modes)
When below this threshold, VAS is switched off
1
-
1.4
V
tVASU
VAS under/over voltage monitoring filter time
3
-
4
μs
tVASblk1
VAS under voltage switch-off blanking time (at
VAS activation)
-1-
ms
tVASuoff2
VAS automatic switch-off filter time (after VAS
activation)
9-
12
μs
Table 18. Sync generator (continued)
Symbol
Parameter / Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com