Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 86 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 82Page - STMicroelectronics L9663 Datasheet HTML 83Page - STMicroelectronics L9663 Datasheet HTML 84Page - STMicroelectronics L9663 Datasheet HTML 85Page - STMicroelectronics L9663 Datasheet HTML 86Page - STMicroelectronics L9663 Datasheet HTML 87Page - STMicroelectronics L9663 Datasheet HTML 88Page - STMicroelectronics L9663 Datasheet HTML 89Page - STMicroelectronics L9663 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
Communication interface
L9663
86/104
DocID028693 Rev 1
SPI error handling
The SPI message from the external microcontroller is monitored. The following errors are
detected:
the CRC on the MOSI line is not correct;
incorrect SPI operation (e.g. an attempt to write a read-only register);
the number of SPI clock cycles is not equal to 32.
In case any of the above-mentioned errors is detected, the MOSI message is rejected, the
SPI failure bit in the SR1 register is set and the SPIE status bit in the next MISO message is
set to '1'.
5.3
Direct interface
The direct interface has the following features:
DOUTx output for Manchester-coded sensor data
SYNCx input for synchronous pulse voltage trigger
Deglitch filter for SYNCx input of PSI5 transceiver
The reference voltage for the threshold levels of DOUTx pins is VDD.
The direct interface is only used in transceiver IC mode 2 (data decoding in the μC).
To use direct mode slot monitor should be disabled on the channel.
In order to have good device functionality all registers, except the ones listed below, must be
configured if default values do not match the application.(j)
The registers that do not need a configuration are the following: SIDx, TSMx_ESy,
TSMx_END.
Optional configuration: SPT (if sync pulse period is smaller than 500 μs), ADVSET1/2/3 if a
particular set of tracking is required, UDBCR, UDBx_y to use tooth gap method, DCR, STS,
STSR.
j.
Registers needing a configuration: CHCNT, CHx_CR1, CHx_CR2, CHx_CR3, CHx_CR4, GCR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com