Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 73 Page - STMicroelectronics

Part # L9663
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L9663 Datasheet HTML 69Page - STMicroelectronics L9663 Datasheet HTML 70Page - STMicroelectronics L9663 Datasheet HTML 71Page - STMicroelectronics L9663 Datasheet HTML 72Page - STMicroelectronics L9663 Datasheet HTML 73Page - STMicroelectronics L9663 Datasheet HTML 74Page - STMicroelectronics L9663 Datasheet HTML 75Page - STMicroelectronics L9663 Datasheet HTML 76Page - STMicroelectronics L9663 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
DocID028693 Rev 1
73/104
L9663
Communication interface
103
STRS
Self-Test Setting - run time
Address:
101101
Type:
R/W
Description:
– slot2 sensor data -> slot1 sensor data
– slot4 sensor data ->slot3 sensor data
– slot6 sensor data ->slot5 sensor data
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Default value:
0000000000000000
R/W
[15] RESERVED
[14] FSIDM: Force SID mismatch
0: NOP
1: the behavior of the MUX which selects SID, CRC/parity and Number of bits, is changed
according to the following table:
slot1 <-->slot2
slot3<-->slot4
slot6<-->slot5
[13] FTSIDM: Force TSID mismatch
0: NOP
1: the behavior of MUX that selects sensor data (and SID) for each time slot is modified in this
way:
Sensor data of time slots 1, 3 and 5 keep a buffer empty value.
[12:6] RESERVED
[5] ACCT: Abort cross-coupling test
0: NOP
1: Stop cross-coupling test immediately
[4:3] SCCT: Start cross-coupling test
11: ignored
11: ignored
01: start cross-coupling test in master mode
10: start cross-coupling test in slave mode
[2:1] RESERVED
[0] TBEC: Test buffer empty check
0 : after a read operation 1F0 is written into the buffer (normal operation)
1 : after a read operation old data are left In the buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com