Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7292DT Datasheet(PDF) 52 Page - STMicroelectronics

Part # L7292DT
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292DT Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L7292DT Datasheet HTML 48Page - STMicroelectronics L7292DT Datasheet HTML 49Page - STMicroelectronics L7292DT Datasheet HTML 50Page - STMicroelectronics L7292DT Datasheet HTML 51Page - STMicroelectronics L7292DT Datasheet HTML 52Page - STMicroelectronics L7292DT Datasheet HTML 53Page - STMicroelectronics L7292DT Datasheet HTML 54Page - STMicroelectronics L7292DT Datasheet HTML 55Page - STMicroelectronics L7292DT Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
PCB design rules guideline
L7292
52/60
DocID028601 Rev 1
13.2.1
Supplies
An incoming supply per switcher should be adequately buffered using an input capacitor.
Refer to the device specification for suggested values. This capacitor needs to be placed as
close as possible to the VIN pin to minimize the loop area.
13.2.2
Switch node
The switch node is the pin feeding the inductor. Keep the switch node as short as possible
to avoid power losses. Do not make it wider than necessary to avoid capacitive loading of
the switch node.
13.2.3
Feedback node
The feedback node is a high impedance input and thus sensitive to noise and current
injection through the capacitive and magnetic coupling. Keep the feedback lines away from
large switching surfaces or magnetic fields. Remember that magnetic fields are not stopped
by copper!
Feedback components should be connected to a clean return pathway and never share
return paths with the main switching elements.
13.2.4
Output capacitors
Multiple output capacitors are preferred over a single one. Each capacitor should have its
own return via.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com