Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7292DT Datasheet(PDF) 37 Page - STMicroelectronics

Part # L7292DT
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292DT Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L7292DT Datasheet HTML 33Page - STMicroelectronics L7292DT Datasheet HTML 34Page - STMicroelectronics L7292DT Datasheet HTML 35Page - STMicroelectronics L7292DT Datasheet HTML 36Page - STMicroelectronics L7292DT Datasheet HTML 37Page - STMicroelectronics L7292DT Datasheet HTML 38Page - STMicroelectronics L7292DT Datasheet HTML 39Page - STMicroelectronics L7292DT Datasheet HTML 40Page - STMicroelectronics L7292DT Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
DocID028601 Rev 1
37/60
L7292
EEPROM
60
10
EEPROM
EEPROM description
128 bits of the user accessible EEPROM are provided in the device.
The EEPROM can be managed using the SETCTRL (“Setting Control”) register.
The registers 0x00 through 0x0E (15 registers of 8 bits) are user-accessible and can be
saved in the EEPROM to retain data at power-down. The EEPROM is managed as a whole
block, meaning that all bits from registers 0x00 to 0x0E are loaded and saved at once in
a single operation when accessing the EEPROM.
The SETCTRL (setting control) register is used to operate on the EEPROM.
To commence a write operation of the whole 0x00 - 0x0E block, the operations needed are
as follows:
Value 0x1 must be written via a serial interface to the SETCTRL.CMD bits
(reg. 0x0F [1:0]).
The SETCTRL.BUSY bit (reg. 0x0F [3]) will stay high for the duration of the EEPROM
writing process, and can be optionally polled to assess the write status.
The SETCTRL.CMD (reg. 0x0F [2]) can be optionally used to check if the operation
was successful (bit low).
To commence a read operation of the whole 0x00 - 0x0E block, the operations needed are
as follows:
Value 0x2 must be written via a serial interface to the SETCTRL.CMD bits
(reg. 0x0F [1:0]).
The SETCTRL.BUSY bit (reg. 0x0F [3]) will stay high for the duration of the EEPROM
reading process, and can be optionally polled to assess the read status.
The SETCTRL.CMD (reg. 0x0F [2]) can be optionally used to check if the operation
was successful (bit low).
To load the hard-coded default settings for registers 0x00 to 0x0E, value 0x3 must be written
via a serial interface to the SETCTRL.CMD bits (reg. 0x0F[1:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com