Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7292DT Datasheet(PDF) 43 Page - STMicroelectronics

Part # L7292DT
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292DT Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L7292DT Datasheet HTML 39Page - STMicroelectronics L7292DT Datasheet HTML 40Page - STMicroelectronics L7292DT Datasheet HTML 41Page - STMicroelectronics L7292DT Datasheet HTML 42Page - STMicroelectronics L7292DT Datasheet HTML 43Page - STMicroelectronics L7292DT Datasheet HTML 44Page - STMicroelectronics L7292DT Datasheet HTML 45Page - STMicroelectronics L7292DT Datasheet HTML 46Page - STMicroelectronics L7292DT Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
DocID028601 Rev 1
43/60
L7292
Buck regulator description
60
Figure 15. Operating mode
11.4
Soft-start
To limit the inrush current in each buck regulator a soft-start circuit is embedded inside. This
feature is performed using a sequence of 96 pulses of three current levels to increase the
output voltage in a controlled manner.
The complete the sequence is:
96 current pulses at PFM current peak / 2
96 current pulses at current limit / 4
96 current pulses at current limit / 2
According to the load current during the soft-start one or all of the three current levels could
be used.
For example, in light-load condition only the “PFM current peak” step could be enough to
reach the target Vout in short time. If the load current is higher, the “current limit / 4" step is
enabled (Figure 16); if again this isn't enough, the “current limit / 2" is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com