Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7292DT Datasheet(PDF) 44 Page - STMicroelectronics

Part # L7292DT
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292DT Datasheet(HTML) 44 Page - STMicroelectronics

Back Button L7292DT Datasheet HTML 40Page - STMicroelectronics L7292DT Datasheet HTML 41Page - STMicroelectronics L7292DT Datasheet HTML 42Page - STMicroelectronics L7292DT Datasheet HTML 43Page - STMicroelectronics L7292DT Datasheet HTML 44Page - STMicroelectronics L7292DT Datasheet HTML 45Page - STMicroelectronics L7292DT Datasheet HTML 46Page - STMicroelectronics L7292DT Datasheet HTML 47Page - STMicroelectronics L7292DT Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Buck regulator description
L7292
44/60
DocID028601 Rev 1
Figure 16. Soft-start example
11.5
PWM mode
In the PWM operative mode, the output voltage is regulated using a quasi constant on-time
control in conjunction with a modulated ramp signal which reproduces the output voltage
ripple in order to achieve loop stability and to be unaffected by the external capacitor ESR
value.
The OTA output generates a voltage proportional to the difference between the reference
voltage and Vout in order to minimize the DC error on Vout.
The ramp output is compared with VOUT to trigger the Ton event. The duration of Ton is
managed by a FLL that controls dynamically the on-time duration so that the PSR can
achieve a relatively constant switching frequency. The advantage of the constant frequency
is to minimize the EMI and to give the possibility to add a fixed filter to remove residual
noise. In addition a slew rate programmability of the switching output is implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com