Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7292DT Datasheet(PDF) 33 Page - STMicroelectronics

Part # L7292DT
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292DT Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L7292DT Datasheet HTML 29Page - STMicroelectronics L7292DT Datasheet HTML 30Page - STMicroelectronics L7292DT Datasheet HTML 31Page - STMicroelectronics L7292DT Datasheet HTML 32Page - STMicroelectronics L7292DT Datasheet HTML 33Page - STMicroelectronics L7292DT Datasheet HTML 34Page - STMicroelectronics L7292DT Datasheet HTML 35Page - STMicroelectronics L7292DT Datasheet HTML 36Page - STMicroelectronics L7292DT Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
DocID028601 Rev 1
33/60
L7292
Register map
60
9.2.3
PSR3VL.VL - PSR4VL.VL - PSR5VL.VL - voltage level
Voltage level = 0.7 V + VL * 25 mV
Table 20. PSR3VL.VL - PSR4VL.VL - PSR5VL.VL - voltage level
VL
Voltage level
0x00
0.7
0x01
0.725
0x02
0.75
0x03
0.775
0x04
0.8
0x05
0.825
0x06
0.85
0x07
0.875
0x08
0.9
0x09
0.925
0x0A
0.95
0X0B
0.975
0x0C
1
0x0D
1.025
0x0E
1.05
0x0F
1.075
0x10
1.1
0x11
1.125
0x12
1.15
0x13
1.175
0x14
1.2
0x15
1.225
0x16
1.25
0x17
1.275
0x18 - 0xFF
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com