Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH315N10F7-2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STH315N10F7-2
Description  Automotive-grade N-channel 100 V, 2.1typ., 180 A STripFET™ F7 Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH315N10F7-2 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STH315N10F7-2 Datasheet HTML 3Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 4Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 5Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 6Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 7Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 8Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 9Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 10Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID025090 Rev 4
7/19
STH315N10F7-2, STH315N10F7-6
Electrical characteristics
19
Figure 8. Normalized V(BR)DSS vs temperature
Figure 9. Capacitance variations
Figure 10. Source-drain diode forward
characteristics
Figure 11. Normalized gate threshold voltage vs
temperature
Figure 12. Normalized on-resistance vs
temperature
0
-25
75
25
-75
125
V(BR)DSS
TJ(°C)
(norm)
0.94
0.96
0.98
1.00
1.02
1.04
ID = 1mA
AM14742v1
C
6000
4000
2000
0
0
40
VDS(V)
(pF)
20
8000
60
Ciss
Coss
Crss
10000
14000
80
100
12000
AM14738v1
TJ=-50°C
TJ=150°C
TJ=25°C
VSD
0
40
ISD(A)
(V)
160
80
120
0.45
0.55
0.65
0.75
0.85
0.95
1.05
AM14739v1
VGS(th)
0.90
0.80
0.70
0.60
TJ(°C)
(norm)
1.0
0
-25
75
25
-75
125
ID = 250µA
AM14741v1
RDS(on)
1.6
1.2
0.8
0.4
0
TJ(°C)
(norm)
-25
75
25
-75
125
2.0
ID = 60A
AM14740v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com