Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH315N10F7-2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STH315N10F7-2
Description  Automotive-grade N-channel 100 V, 2.1 mΩ typ., 180 A STripFET™ F7 Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH315N10F7-2 Datasheet(HTML) 5 Page - STMicroelectronics

  STH315N10F7-2 Datasheet HTML 1Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 2Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 3Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 4Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 5Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 6Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 7Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 8Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID025090 Rev 4
5/19
STH315N10F7-2, STH315N10F7-6
Electrical characteristics
19
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
180
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
(pulsed)
-720
A
VSD
(2)
2.
Pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD=60 A, VGS=0
-
1.5
V
trr
Reverse recovery time
ISD=180 A,
di/dt = 100 A/µs,
VDD=80 V, Tj=150°C
(see Figure 15)
-85
ns
Qrr
Reverse recovery charge
-
200
nC
IRRM
Reverse recovery current
-
4.7
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com