Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STH315N10F7-2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STH315N10F7-2
Description  Automotive-grade N-channel 100 V, 2.1typ., 180 A STripFET™ F7 Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH315N10F7-2 Datasheet(HTML) 1 Page - STMicroelectronics

  STH315N10F7-2 Datasheet HTML 1Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 2Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 3Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 4Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 5Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 6Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 7Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 8Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
September 2014
DocID025090 Rev 4
1/19
STH315N10F7-2,
STH315N10F7-6
Automotive-grade N-channel 100 V, 2.1 m
Ω typ., 180 A
STripFET™ F7 Power MOSFETs
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Among the lowest RDS(on) on the market
• Excellent figure of merit (FoM)
• Low Crss/Ciss ratio for EMI immunity
• High avalanche ruggedness
Applications
• Switching applications
Description
These N-channel Power MOSFETs utilize
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
1
TAB
3
2
H PAK-2
2
H PAK-6
2
1
TAB
7
Order codes
VDS
RDS(on) max.
ID
STH315N10F7-2
100 V
2.3 m
Ω
180 A
STH315N10F7-6
Table 1. Device summary
Order codes
Marking
Package
Packaging
STH315N10F7-2
315N10F7
H2PAK-2
Tape and reel
STH315N10F7-6
H2PAK-6
www.st.com


Similar Part No. - STH315N10F7-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH315N10F7-2 STMICROELECTRONICS-STH315N10F7-2 Datasheet
797Kb / 16P
Automotive-grade N-channel 100 V, 2.1 mΩ typ., 180 A STripFET F7 Power MOSFETs in an H²PAK‑2 and H²PAK‑6 packages
Rev 6 - March 2025
STH315N10F7-2 STMICROELECTRONICS-STH315N10F7-2_V01 Datasheet
797Kb / 16P
Automotive-grade N-channel 100 V, 2.1 mΩ typ., 180 A STripFET F7 Power MOSFETs in an H²PAK‑2 and H²PAK‑6 packages
Rev 6 - March 2025
More results

Similar Description - STH315N10F7-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK184N4F7AG STMICROELECTRONICS-STK184N4F7AG Datasheet
447Kb / 13P
Automotive-grade N-channel 40 V, 1.6 mΩ typ., 100 A, STripFET™ F7 Power MOSFET in an LFPAK 5x6 package
10-Jan-2019
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STH260N4LF7-2 STMICROELECTRONICS-STH260N4LF7-2 Datasheet
598Kb / 17P
N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
24-Nov-2015
STH272N6F7-6AG STMICROELECTRONICS-STH272N6F7-6AG Datasheet
808Kb / 15P
Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A Automotive-grade N-channel 60 V, 0.95 mΩ typ., 180 A
17-Mar-2016
STH80N10LF7-2AG STMICROELECTRONICS-STH80N10LF7-2AG Datasheet
626Kb / 14P
Automotive-grade N-channel 100 V, 7 mΩ typ., 80 A, STripFET™ F7 Power MOSFET in an H2PAK-2 package
14-Jan-2019
STI410N4F7AG STMICROELECTRONICS-STI410N4F7AG Datasheet
666Kb / 12P
Automotive N-channel 40 V, 1.5 mΩ typ., 180 A STripFET™ F7 Power MOSFET in an I²PAK package
13-Jun-2016
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STH200N10WF7-2 STMICROELECTRONICS-STH200N10WF7-2 Datasheet
377Kb / 14P
N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET
13-Jul-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com