Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9662 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 57Page - STMicroelectronics L9662 Datasheet HTML 58Page - STMicroelectronics L9662 Datasheet HTML 59Page - STMicroelectronics L9662 Datasheet HTML 60Page - STMicroelectronics L9662 Datasheet HTML 61Page - STMicroelectronics L9662 Datasheet HTML 62Page - STMicroelectronics L9662 Datasheet HTML 63Page - STMicroelectronics L9662 Datasheet HTML 64Page - STMicroelectronics L9662 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
DocID028325 Rev 1
61/80
L9662
Functional description
79
Protocol A
The data received from satellite receiver block has to be decoded in the digital block. The
data is received LSB first. The protocol format is defined below for the 4 different message
lengths.
Figure 16. Satellite protocol-A
The default for the device is to perform CRC decoding on all messages. The device has the
option not to perform the CRC decoding and pass the satellite message, excluding the 2
start bits, over the MISO. CRC decoding can be disabled/enabled by writing to the
appropriate bit in the CCR register.
For the CRC mode the error detection code used for processing the message is based on
the polynomial x3 + x1 + x0. If the device is in CRC mode it will process all incoming
messages and report an error via SPI2 in case of a CRC mismatch. The CRC is performed
after a complete message is received and, in case of CRC error, the device sets a fault code
in the SR word.
The message data sent over SPI2 is MSB first.
Protocol B: generic variable length protocol
The data received from satellite receiver block has to be decoded in the digital block. The
data is received LSB first. The protocol format is defined below for the 4 different message
lengths.
Figure 17. Generic satellite protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com