Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9662 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 4Page - STMicroelectronics L9662 Datasheet HTML 5Page - STMicroelectronics L9662 Datasheet HTML 6Page - STMicroelectronics L9662 Datasheet HTML 7Page - STMicroelectronics L9662 Datasheet HTML 8Page - STMicroelectronics L9662 Datasheet HTML 9Page - STMicroelectronics L9662 Datasheet HTML 10Page - STMicroelectronics L9662 Datasheet HTML 11Page - STMicroelectronics L9662 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
Block diagram and pin description
L9662
8/80
DocID028325 Rev 1
1.2
Pin description
Table 2. Pin description
Pin Number
Pin name
Description
I/O type
Reset state
1
MISO
SPI Data Out
Output
Hi-Z
2
MISO_S
Satellite SPI Data Out
Output
Hi-Z
3
FEN1
Fire Enable for Channels 0 and 1
Input
Pulldown
4
FEN2
Fire Enable for Channels 2 and 3
Input
Pulldown
5
RESETB
Reset pin
Input
Pullup
6
GND
Ground (Analog & Digital)
-
-
7
VDD
VDD Supply Voltage
Input
-
8
FEN3
Fire Enable for Channels 4 and 5
Input
Pulldown
9
FEN4
Fire Enable for Channels 6 and 7
Input
Pulldown
10
INITSYNC
Initiate Sync Pulse
Input
Pulldown
11
CS_S
SPI Chip Select for Satellite Interface
Input
Pullup
12
CS_D
SPI Chip Select for Deployment Driver
Input
Pullup
13
MOSI
SPI Data In
Input
Hi-Z
14
MOSI_S
Satellite SPI Data In
15
SCLK_S
Satellite SPI Clock
Hi-Z
16
SCLK
SPI Clock
Input
Hi-Z
17
GND4
Power Ground for Loop Channel 4
-
-
18
SQL4
Low Side Driver Output for Channel 4
Output
Pulldown
19
SQH4
High Side Driver Output for Channel 4
Output
Hi-Z
20
VRES4
Reserve Voltage for Loop Channel 4
Input
-
21
VRES5
Reserve Voltage for Loop Channel 5
Input
-
22
SQH5
High Side Driver Output for Channel 5
Output
Hi-Z
23
SQL5
Low Side Driver Output for Channel 5
Output
Pulldown
24
GND5
Power Ground for Loop Channel 5
-
-
25
GND6
Power Ground for Loop Channel 6
-
-
26
SQL6
Low Side Driver Output for Channel 6
Output
Pulldown
27
SQH6
High Side Driver Output for Channel 6
Output
Hi-Z
28
VRES6
Reserve Voltage for Loop Channel 6
Input
-
29
VRES7
Reserve Voltage for Loop Channel 7
Input
-
30
SQH7
High Side Driver Output for Channel 7
Output
Hi-Z
31
SQL7
Low Side Driver Output for Channel 7
Output
Pulldown
32
GND7
Power Ground for Loop Channel 7
-
-
33
TEST
Test pin
Input
Pulldown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com