Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9662 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9662
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 11Page - STMicroelectronics L9662 Datasheet HTML 12Page - STMicroelectronics L9662 Datasheet HTML 13Page - STMicroelectronics L9662 Datasheet HTML 14Page - STMicroelectronics L9662 Datasheet HTML 15Page - STMicroelectronics L9662 Datasheet HTML 16Page - STMicroelectronics L9662 Datasheet HTML 17Page - STMicroelectronics L9662 Datasheet HTML 18Page - STMicroelectronics L9662 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
DocID028325 Rev 1
15/80
L9662
Electrical specifications
79
RSTB
Short to Battery Resistance
Threshold
Vbatt = 6.5V see Figure 9
1.92
-
3.42
kΩ
Vbatt = 16V see Figure 9
8.61
-
13.98
kΩ
Vbatt = 20V see Figure 9
11.42
-
18.42
kΩ
ISTB
Short to battery current
threshold
-
0.9
-
1.40
mA
RSTG
Short to Ground Threshold
-
1.2
-
1.8
kΩ
ISTG
Short to ground current
threshold
-
2
-
3.3
mA
tDIAGTIMEOUT Diagnostic Delay Time
From/CS until Transistor
Test Results are Valid,
Output voltage change 0V to
3.5 V
CSQHx= 0.12 μF
CSQLx= 0.12 μF
-
-
1500
μs
High side safing diagnostics
ISRC_HSS
Diagnostic current into
selected VRESx pin during
test
Normal conditions
710
-
950
μA
IHSS_8
Current during diagnostic
All 8 VRESx pins tied
together
710
-
1020
μA
RHSSNORM_th
Normal resistance range
when running high side
safing diagnostics
All 8 VRESx pins tied
together
1.4
-
2.5
kΩ
VHSSNORM_r
ange
Normal voltage range
between VSDIAG and
VRESx pin) when running
high side safing diagnostics
All 8 VRESx pins tied
together
1.0
-
2.5
V
VHSSSHORT_th
Short voltage threshold
between VSDIAG and
VRESx pin)
All 8 VRESx pins tied
together
0.5
-
1.0
V
VHSSOPEN_th
Open voltage threshold
between VSDIAG and
VRESx pin)
All 8 VRESx pins tied
together
2.5
-
4.0
V
tDIAGTIMEOUT Diagnostic delay time
From/CS ↑ until transistor
test results are valid,
CSQHx= 0.12 μF
CSQLx= 0.12 μF
-
-
500
μs
Voltage measurement diagnostics (VRESx)
IRESx
Max diagnostic current into
VRESx pin
Normal conditions
-
-
50
μA
VVRESXLO_th
Low voltage threshold for
VRESx pin
-
5.0
-
7
V
Table 7. Squib deployment drivers and diagnostics - DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com