Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5004DSP30 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VND5004DSP30
Description  Double 4m high-side driver with analog CurrentSense
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5004DSP30 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VND5004DSP30 Datasheet HTML 3Page - STMicroelectronics VND5004DSP30 Datasheet HTML 4Page - STMicroelectronics VND5004DSP30 Datasheet HTML 5Page - STMicroelectronics VND5004DSP30 Datasheet HTML 6Page - STMicroelectronics VND5004DSP30 Datasheet HTML 7Page - STMicroelectronics VND5004DSP30 Datasheet HTML 8Page - STMicroelectronics VND5004DSP30 Datasheet HTML 9Page - STMicroelectronics VND5004DSP30 Datasheet HTML 10Page - STMicroelectronics VND5004DSP30 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DocID027939 Rev 2
7/28
VND5004DSP30
Electrical specifications
27
2
Electrical specifications
Figure 3. Current and voltage conventions
2.1
Absolute maximum ratings
Stress values that exceed those listed in Table 3 can cause permanent damage to the
device. These are stress ratings only, and operation of the device at these, or any other
conditions greater than those, indicated in the operating sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
28
V
VCCPK
Transient supply voltage (T<400 ms, Rload>0.5 Ω)41
V
-VCC
Reverse DC supply voltage
16
V
IOUT
DC output current
Internally limited
A
-IOUT
Reverse DC output current
70
A
IIN
DC input current
-1 to 10
mA
ICSD
DC current sense disable input current
-1 to 10
mA
VCSENSE
Current sense maximum voltage (VCC > 0 V)
Vcc-41
+VCC
V
V
EMAX
Maximum switching energy (single pulse)
(L = 0.3 mH; RL = 0 Ω; Vbat = 13.5 V; Tjstart = 150 ºC;
IOUT = IlimL(typ.))
342
mJ
VESD
Electrostatic discharge (Human Body Model: R = 1.5 k
Ω;
C = 100 pF)
2000
V
VESD
Charge device model (CDM-AEC-Q100-011)
750
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com