Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VND5004DSP30 Datasheet(PDF) 23 Page - STMicroelectronics

Part # VND5004DSP30
Description  Double 4m high-side driver with analog CurrentSense
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5004DSP30 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VND5004DSP30 Datasheet HTML 19Page - STMicroelectronics VND5004DSP30 Datasheet HTML 20Page - STMicroelectronics VND5004DSP30 Datasheet HTML 21Page - STMicroelectronics VND5004DSP30 Datasheet HTML 22Page - STMicroelectronics VND5004DSP30 Datasheet HTML 23Page - STMicroelectronics VND5004DSP30 Datasheet HTML 24Page - STMicroelectronics VND5004DSP30 Datasheet HTML 25Page - STMicroelectronics VND5004DSP30 Datasheet HTML 26Page - STMicroelectronics VND5004DSP30 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
DocID027939 Rev 2
23/28
VND5004DSP30
Package and packing information
27
5
Package and packing information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
5.1
MultiPowerSO-30 mechanical data
Figure 28. MultiPowerSO-30 outline
Table 15. MultiPowerSO-30 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
2.35
A2
1.85
2.25
A3
0
0.1
B0.42
0.58
C0.23
0.32
D
17.1
17.2
17.3
E
18.85
19.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com