Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPS2535H Datasheet(PDF) 7 Page - STMicroelectronics

Part # VPS2535H
Description  Double channel high-side driver with analog current sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VPS2535H Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VPS2535H Datasheet HTML 3Page - STMicroelectronics VPS2535H Datasheet HTML 4Page - STMicroelectronics VPS2535H Datasheet HTML 5Page - STMicroelectronics VPS2535H Datasheet HTML 6Page - STMicroelectronics VPS2535H Datasheet HTML 7Page - STMicroelectronics VPS2535H Datasheet HTML 8Page - STMicroelectronics VPS2535H Datasheet HTML 9Page - STMicroelectronics VPS2535H Datasheet HTML 10Page - STMicroelectronics VPS2535H Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
DocID028862 Rev 1
7/30
VPS2535H
Electrical specifications
29
2
Electrical specifications
Figure 3. Current and voltage conventions
2.1
Absolute maximum ratings
Stressing the device above the ratings listed in the Table 3 may cause permanent damage
to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not
implied. Exposure to the conditions reported in this section for extended periods may affect
device reliability.
IS
IGND
VCC
VCC
OUTn
IOUTn
CSn
ISENSEn
INn
IINn
GND
FR_Stby
VFR_Stby
VINn
VSENSEn
VOUTn
VFn
IFR_Stby
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
58
V
IOUT
DC output current
Internally limited
A
IIN
DC input current
-1 to 10
mA
IFR_Stby Fault reset standby DC input current
-1 to 1.5
mA
VCSENSE Current sense maximum voltage
VCC -58 to
+VCC
V
EMAX
Maximum switching energy(1)
(L = 10 mH; VBAT =32V; Tjstart =25°C; IOUT =IlimL (typ))
1000
mJ
Lsmax
Maximum strain inductance in short circuit condition(1)
RL =300 mΩ; VCC =32V; Tjstart =25°C; lOUT =ILMHmax
40
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com