Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPS2535H Datasheet(PDF) 10 Page - STMicroelectronics

Part # VPS2535H
Description  Double channel high-side driver with analog current sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VPS2535H Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VPS2535H Datasheet HTML 6Page - STMicroelectronics VPS2535H Datasheet HTML 7Page - STMicroelectronics VPS2535H Datasheet HTML 8Page - STMicroelectronics VPS2535H Datasheet HTML 9Page - STMicroelectronics VPS2535H Datasheet HTML 10Page - STMicroelectronics VPS2535H Datasheet HTML 11Page - STMicroelectronics VPS2535H Datasheet HTML 12Page - STMicroelectronics VPS2535H Datasheet HTML 13Page - STMicroelectronics VPS2535H Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Electrical specifications
VPS2535H
10/30
DocID028862 Rev 1
Figure 4. Treset definition
Table 7. Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN =0.9 V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN =2.1 V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
VICL
Input clamp voltage
IIN =1 mA
5.5
7
V
IIN =-1mA
-0.7
V
VFR_Stby_L
Fault_reset_standby low
level voltage
0.9
V
IFR_Stby_L
Low level
fault_reset_standby current
VFR_Stby =0.9 V
1
µA
VFR_Stby_H
Fault_reset_standby high
level voltage
2.1
V
IFR_Stby_H
High level
fault_reset_standby current
VFR_Stby =2.1 V
10
µA
VFR_Stby
(hyst)
Fault_reset_standby
hysteresis voltage
0.25
V
VFR_Stby_CL
Fault_reset_standby clamp
voltage
IFR_Stby = 15mA (10ms)
11
15
V
IFR_Stby =-1 mA
-0.7
V
treset
Overload latch-off reset time See Figure 4
224
µs
tstby
Standby delay
See Figure 5
120
1200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com