Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPS2535H Datasheet(PDF) 9 Page - STMicroelectronics

Part # VPS2535H
Description  Double channel high-side driver with analog current sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VPS2535H Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VPS2535H Datasheet HTML 5Page - STMicroelectronics VPS2535H Datasheet HTML 6Page - STMicroelectronics VPS2535H Datasheet HTML 7Page - STMicroelectronics VPS2535H Datasheet HTML 8Page - STMicroelectronics VPS2535H Datasheet HTML 9Page - STMicroelectronics VPS2535H Datasheet HTML 10Page - STMicroelectronics VPS2535H Datasheet HTML 11Page - STMicroelectronics VPS2535H Datasheet HTML 12Page - STMicroelectronics VPS2535H Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
DocID028862 Rev 1
9/30
VPS2535H
Electrical specifications
29
2.3
Electrical characteristics
8V <VCC <36V; -40°C< Tj < 150 °C, unless otherwise specified.
Table 5. Power section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply
voltage
824
36
V
VUSD
Undervoltage shutdown
3.5
5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.5
V
RON
On-state resistance(1)
1.
For each channel
IOUT = 3 A; Tj =25°C
35
m
Ω
IOUT = 3 A; Tj =150 °C
70
Vclamp
Clamp voltage
IS = 20 mA
58
64
70
V
IS
Supply current
Off-state; VCC =24V; Tj =25°C;
VIN =VOUT =VSENSE =0 V
2(2)
2.
PowerMOS leakage included
5(2)
µA
On-state; VCC =24V; VIN =5 V;
IOUT =0 A
4.2
6
mA
IL(off)
Off-state output current
VIN =VOUT =0 V; VCC =24V;
Tj =25 °C
00.01
3
µA
VIN =VOUT =0 V; VCC =24 V;
Tj = 125 °C
05
VF
Output - VCC diode
voltage
-IOUT = 3 A; Tj = 150 °C
0.7
V
Table 6. Switching (VCC =24V; Tj =25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
RL = 8 Ω
46
µs
td(off)
Turn-off delay time
RL = 8 Ω
54
µs
dVOUT/dt(on) Turn-on voltage slope
RL = 8 Ω
0.55
V/µs
dVOUT/dt(off) Turn-off voltage slope
RL = 8 Ω
0.46
V/µs
WON
Switching energy losses
during twon
RL = 8 Ω
1mJ
WOFF
Switching energy losses
during twoff
RL = 8 Ω
0.65
mJ
dVOUTOFF/dt
Max negative dV/dt on
the output to prevent
device from spuriously
turning-on
VCC =28 V
0.3
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com