Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VPS2535H Datasheet(PDF) 12 Page - STMicroelectronics

Part # VPS2535H
Description  Double channel high-side driver with analog current sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VPS2535H Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VPS2535H Datasheet HTML 8Page - STMicroelectronics VPS2535H Datasheet HTML 9Page - STMicroelectronics VPS2535H Datasheet HTML 10Page - STMicroelectronics VPS2535H Datasheet HTML 11Page - STMicroelectronics VPS2535H Datasheet HTML 12Page - STMicroelectronics VPS2535H Datasheet HTML 13Page - STMicroelectronics VPS2535H Datasheet HTML 14Page - STMicroelectronics VPS2535H Datasheet HTML 15Page - STMicroelectronics VPS2535H Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Electrical specifications
VPS2535H
12/30
DocID028862 Rev 1
Table 9. Current sense (8 V < VCC <36 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K1
IOUT/ISENSE
IOUT = 1 A; VSENSE =2 V;
Tj = -40 °C to 150 °C
Tj = 25 °C to 150 °C
1952
2080
2960
4150
3840
dK1/K1
(1)
1.
Parameter guaranteed by design; it is not tested.
Current sense ratio drift
IOUT = 1 A; VSENSE =2 V;
Tj = -40 °C to 150 °C
-15
15
%
K2
IOUT/ISENSE
IOUT = 3 A; VSENSE =4 V;
Tj =-40 °C to 150°C
Tj =25°C to 150 °C
2490
2585
2930
3440
3265
dK2/K2
(1)
Current sense ratio drift
IOUT = 3 A; VSENSE =4 V;
Tj = -40 °C to 150 °C
-10
+10
%
K3
IOUT/ISENSE
IOUT =12A; VSENSE =4 V;
Tj =-40 °C to 150°C
Tj =25°C to 150 °C
2770
2755
2900
3125
3045
dK3/K3
(1)
Current sense ratio drift
IOUT =12A; VSENSE =4 V;
Tj = -40 °C to 150 °C
-5
5
%
ISENSE0
Analog sense leakage
current
IOUT = 0 A; VSENSE =0 V;
VIN =0 V;
Tj =-40 °C to 150°C
01
µA
IOUT = 0 A; VSENSE =0 V;
VIN =5 V;
Tj =-40 °C to 150°C
02
µA
VSENSE
Max analog sense output
voltage
IOUT =12A; RSENSE =3.9 kΩ
5V
VSENSEH
Analog sense output
voltage in fault
condition(2)
2.
Fault condition includes: power limitation, overtemperature and open load in off-state condition.
VCC =24V; RSENSE =3.9 kΩ
7.5
8.5
9.5
V
ISENSEH
Analog sense output
current in fault condition
(2)
VCC =24V; VSENSE =5 V
4.9
9
12
mA
tDSENSE2H
Delay response time
from rising edge of
INPUT pins
VSENSE <4 V;
0.2 A < IOUT <12A;
ISENSE =90% of ISENSE max;
(see Figure 6)
200
400
µs
ΔtDSENSE2H
Delay response time
between rising edge of
output current and rising
edge of current sense
VSENSE <4 V;
ISENSE = 90 % of ISENSEMAX;
IOUT =90% of IOUTMAX;
IOUTMAX = 3 A (see Figure 10)
250
µs
tDSENSE2L
Delay response time
from falling edge of
INPUT pins
VSENSE <4 V;
0.2 A < IOUT <12 A;
ISENSE =10% of ISENSE max;
(see Figure 6)
520
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com