Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28075PZPQ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28075PZPQ
Description  Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28075PZPQ Datasheet(HTML) 3 Page - Texas Instruments

  TMS320F28075PZPQ Datasheet HTML 1Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 2Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 3Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 4Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 5Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 6Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 7Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 8Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 182 page
background image
12-bit ADC
x3
ADC
Result
Regs
Peripheral Frame 1
GPIO MUX, Input X-BAR, Output X-BAR
Secure Memories
shown in Red
CPU1 Buses
Comparator
SubSystem
(CMPSS)
DAC
x3
Config
Data Bus
Bridge
ePWM-1/../12
eCAP-
1/../6
eQEP-1/2/3
HRPWM-1/../8
SDFM-1/2
SCI-
A/B/C/D
(16L FIFO)
I2C-A/B
(16L FIFO)
Data Bus Bridge
CAN-
A/B
(32-MBOX)
Data Bus
Bridge
Peripheral Frame 2
SPI-
A/B/C
(16L FIFO)
McBSP-A/B
GPIO
Data Bus
Bridge
Data Bus
Bridge
USB
Ctrl /
PHY
EMIF1
Data Bus
Bridge
A
B
D
JTAG
AUXCLKIN
External Crystal or
Oscillator
Watchdog
Main PLL
Aux PLL
INTOSC1
INTOSC2
Low-Power
Mode Control
GPIO Mux
TRST
TCK
TDI
TMS
TDO
MEMCPU1
Global Shared
8x 4Kx16
GS0-GS7 RAMs
C28 CPU-1
FPU
TMU
CPU Timer 0
CPU Timer 1
CPU Timer 2
ePIE
(up to 192
interrupts)
WD Timer
NMI-WDT
CPU1.CLA1 Data ROM
(4Kx16)
CPU1.CLA1 to CPU1
128x16 MSG RAM
CPU1 to CPU1.CLA1
128x16 MSG RAM
Boot-ROM 32Kx16
Non Secure
Secure-ROM 32Kx16
Secure
CPU1.M0 RAM 1Kx16
CPU1.M1 RAM 1Kx16
CPU1.D0 RAM 2Kx16
CPU1.D1 RAM 2Kx16
CPU1 Local Shared
6x 2Kx16
LS0-LS5 RAMs
CPU1.CLA1
CPU1.DMA
PSWD
Dual
Code
Security
Module
+
Emulation
Code
Security
Logic
(ECSL)
PUMP
OTP/Flash
Wrapper
FLASH
256K x 16
Secure
User
Configurable
DCSM
OTP
1K x 16
A5:0
B3:0
D4:0
ADCIN14
ADCIN15
Analog
Mux
TMS320F28075
www.ti.com
SPRS902B – OCTOBER 2014 – REVISED OCTOBER 2015
1.4
Functional Block Diagram
Figure 1-1 shows the CPU system and associated peripherals.
Figure 1-1. Functional Block Diagram
Copyright © 2014–2015, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com