Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28075PZPQ Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28075PZPQ
Description  Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28075PZPQ Datasheet(HTML) 83 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 79Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 80Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 81Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 82Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 83Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 84Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 85Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 86Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 182 page
background image
TMS320F28075
www.ti.com
SPRS902B – OCTOBER 2014 – REVISED OCTOBER 2015
5.8.1.1
ADC Electrical Data and Timing
Table 5-41. ADC Operating Conditions
over recommended operating conditions (unless otherwise noted)
MIN
TYP
MAX
UNIT
ADCCLK (derived from PERx.SYSCLK)
5
50
MHz
100
ns
Sample window duration (set by ACQPS and PERx.SYSCLK)
1
ADCCLK
VREFHI
2.4
2.5 or 3.0
VDDA
V
VREFLO
VSSA
0
VSSA
V
VREFHI – VREFLO
2.4
VDDA
V
ADC input conversion range
VREFLO
VREFHI
V
NOTE
The ADC inputs should be kept below VDDA + 0.3 V during operation. If an ADC input
exceeds this level, the VREF internal to the device may be disturbed, which can impact results
for other ADC or DAC inputs using the same VREF.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
83
Submit Documentation Feedback
Product Folder Links: TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com