Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28075PZPQ Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28075PZPQ
Description  Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28075PZPQ Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 45Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 46Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 47Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 48Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 49Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 50Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 51Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 52Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 182 page
background image
TMS320F28075
www.ti.com
SPRS902B – OCTOBER 2014 – REVISED OCTOBER 2015
5.7.3.2.2 Internal Clock Frequencies
Table 5-12 provides the clock frequencies for the internal clocks.
Table 5-12. Internal Clock Frequencies
MIN
NOM
MAX
UNIT
f(SYSCLK)
Frequency, device (system) clock
2
120
MHz
tc(SYSCLK)
Period, device (system) clock
8.33
500
ns
f(PLLRAWCLK)
Frequency, system PLL output (before SYSCLK divider)
120
400
MHz
f(AUXPLLRAWCLK)
Frequency, auxiliary PLL output (before AUXCLK divider)
120
400
MHz
f(AUXPLL)
Frequency, AUXPLLCLK
60
60
MHz
f(PLL)
Frequency, PLLSYSCLK
2
120
MHz
f(LSP)
Frequency, LSPCLK(1)
2
120
MHz
tc(LSPCLK)
Period, LSPCLK
8.33
500
ns
See
f(OSCCLK)
Frequency, OSCCLK (INTOSC1 or INTOSC2 or XTAL or X1)
respective
clock
f(EPWM)
Frequency, EPWMCLK(2)
100
MHz
f(HRPWM)
Frequency, HRPWMCLK
60
100
MHz
(1)
Lower LSPCLK will reduce device power consumption. The default at reset is SYSCLK/4.
(2)
For SYSCLK above 100 MHz, the EPWMCLK must be half of SYSCLK.
5.7.3.2.3 Output Clock Frequency and Switching Characteristics
Table 5-13 provides the frequency of the output clock. Table 5-14 shows the switching characteristics of
the output clock, XCLKOUT.
Table 5-13. Output Clock Frequency
MIN
MAX
UNIT
f(XCO)
Frequency, XCLKOUT
50
MHz
Table 5-14. XCLKOUT Switching Characteristics (PLL Bypassed or Enabled)(1)(2)
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
tf(XCO)
Fall time, XCLKOUT
5
ns
tr(XCO)
Rise time, XCLKOUT
5
ns
tw(XCOL)
Pulse duration, XCLKOUT low
H – 2
H + 2
ns
tw(XCOH)
Pulse duration, XCLKOUT high
H – 2
H + 2
ns
(1)
A load of 40 pF is assumed for these parameters.
(2)
H = 0.5tc(XCO)
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
49
Submit Documentation Feedback
Product Folder Links: TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com