Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28075PZPQ Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28075PZPQ
Description  Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28075PZPQ Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 35Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 36Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 37Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 38Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 39Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 40Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 41Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 42Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 182 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
10
20
30
40
50
60
70
80
90
100
110
120
Power vs. Frequency
Power
SYSCLK (MHz)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
10
20
30
40
50
60
70
80
90
100
110
120
Operational Current vs. Frequency
VDD
VDDIO
VDDA
VDD3VFL
SYSCLK (MHz)
TMS320F28075
www.ti.com
SPRS902B – OCTOBER 2014 – REVISED OCTOBER 2015
5.5.1
Current Consumption Graphs
The following graphs are a typical representation of the relationship between frequency and current
consumption/power on the device. The operational test from Table 5-1 was run across frequency at Vmax
and high temperature. Actual results will vary based on the system implementation and conditions.
Figure 5-1. Operational Current Versus Frequency
Figure 5-2. Power Versus Frequency
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
39
Submit Documentation Feedback
Product Folder Links: TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com