Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28075PZPQ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28075PZPQ
Description  Microcontrollers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28075PZPQ Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320F28075PZPQ Datasheet HTML 9Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 10Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 11Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 12Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 13Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 14Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 15Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 16Page - Texas Instruments TMS320F28075PZPQ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 182 page
background image
TMS320F28075
www.ti.com
SPRS902B – OCTOBER 2014 – REVISED OCTOBER 2015
4.2
Signal Descriptions
Table 4-1 describes the signals. The GPIO function is the default at reset, unless otherwise mentioned.
The peripheral signals that are listed under them are alternate functions. Some peripheral functions may
not be available in all devices. See Table 3-1 for details. All GPIO pins are I/O/Z and have an internal
pullup, which can be selectively enabled or disabled on a per-pin basis. This feature only applies to the
GPIO pins. The pullups are not enabled at reset.
Table 4-1. Signal Descriptions
TERMINAL
PTP
PZP
I/O/Z(1)
DESCRIPTION
MUX
NAME
PIN
PIN
POSITION
NO.
NO.
ADC, DAC, AND COMPARATOR SIGNALS
ADC-A high reference. Place at least a 1-µF capacitor on this
VREFHIA
37
19
I
pin. This capacitor should be placed as close to the device as
possible between the VREFHIA and VREFLOA pins.
ADC-B high reference. Place at least a 1-µF capacitor on this
VREFHIB
53
37
I
pin. This capacitor should be placed as close to the device as
possible between the VREFHIB and VREFLOB pins.
ADC-D high reference. Place at least a 1-µF capacitor on this
VREFHID
55
–
I
pin. This capacitor should be placed as close to the device as
possible between the VREFHID and VREFLOD pins.
ADC-A low reference.
On the PZP package, pin 17 is double-bonded to VSSA and
VREFLOA
33
17
I
VREFLOA. On the PZP package, pin 17 must be connected to
VSSA on the system board.
VREFLOB
50
34
I
ADC-B low reference
VREFLOD
51
–
I
ADC-D low reference
ADCIN14
I
Input 14 to all ADCs. This pin can be used as a general-
purpose ADCIN pin or it can be used to calibrate all ADCs
44
26
together from an external reference.
CMPIN4P
I
Comparator 4 positive input
ADCIN15
I
Input 15 to all ADCs. This pin can be used as a general-
purpose ADCIN pin or it can be used to calibrate all ADCs
45
27
together from an external reference.
CMPIN4N
I
Comparator 4 negative input
ADCINA0
I
ADC-A input 0. There is a 50-k
Ω internal pulldown on this pin
in both an ADC input or DAC output mode which cannot be
43
25
disabled.
DACOUTA
O
DAC-A output
ADCINA1
I
ADC-A input 1. There is a 50-k
Ω internal pulldown on this pin
in both an ADC input or DAC output mode which cannot be
42
24
disabled.
DACOUTB
O
DAC-B output
ADCINA2
I
ADC-A input 2
41
23
CMPIN1P
I
Comparator 1 positive input
ADCINA3
I
ADC-A input 3
40
22
CMPIN1N
I
Comparator 1 negative input
ADCINA4
I
ADC-A input 4
39
21
CMPIN2P
I
Comparator 2 positive input
ADCINA5
I
ADC-A input 5
38
20
CMPIN2N
I
Comparator 2 negative input
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
13
Submit Documentation Feedback
Product Folder Links: TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com