Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1671 Datasheet(PDF) 55 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 51Page - Semtech Corporation GS1671 Datasheet HTML 52Page - Semtech Corporation GS1671 Datasheet HTML 53Page - Semtech Corporation GS1671 Datasheet HTML 54Page - Semtech Corporation GS1671 Datasheet HTML 55Page - Semtech Corporation GS1671 Datasheet HTML 56Page - Semtech Corporation GS1671 Datasheet HTML 57Page - Semtech Corporation GS1671 Datasheet HTML 58Page - Semtech Corporation GS1671 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
55 of 130
EDH CRC errors are only indicated when the device is operating in SD mode and when
the device has correctly received EDH packets.
4.15.4 HD Line Number Error Detection
If a mismatch in the calculated and received line numbers is detected, the LNUM_ERR
bit in the VIDEO_ERROR_STAT_X register is set HIGH.
4.16 Ancillary Data Detection & Indication
The GS1671 detects ancillary data in both the vertical and horizontal ancillary data
spaces. Status signal outputs Y/1ANC and C/2ANC are provided to indicate the position
of ancillary data in the output data streams. These signals may be selected for output on
the multi-function I/O port pins (STAT[5:0]).
The GS1671 indicates the presence of all types of ancillary data by detecting the 000h,
3FFh, 3FFh (00h, FFh, FFh for 8-bit video) ancillary data preamble.
NOTE: Both 8 and 10-bit ancillary data preambles are detected by the device.
By default (at power up or after system reset) the GS1671 indicates all types of ancillary
data. Up to 5 types of ancillary data can be specifically programmed for recognition.
For HD video signals, ancillary data may be placed in both the Y and Cb/Cr video data
streams separately. For SD video signals, the ancillary data is multiplexed and combined
into the YCbCr data space.
When operating in HD mode, the Y/1ANC signal is HIGH whenever ancillary data is
detected in the Luma data stream, and C/2ANC is HIGH whenever ancillary data is
detected in the Chroma data stream. The signals are asserted HIGH at the start of the
ancillary data preamble, and remain HIGH until after the ancillary data checksum.
When operating in SD mode, the Y/1ANC and C/2ANC signals depend on the output
data format. For 20-bit demultiplexed data, the Y/1ANC and C/2ANC signals operate
independently to indicate the first and last ancillary Data Word position in the Luma
and/or Chroma data streams. For 10-bit multiplexed data, the Y/1ANC signal is HIGH
whenever ancillary data is detected, and the C/2ANC signal is always LOW.
These status signal outputs are synchronous with PCLK and may be used as
clock-enables for external logic, or as write-enables for an external FIFO or other
memory devices.
The operation of the Y/1ANC and C/2ANC signals is shown below in Figure 4-21.
NOTE: When I/O processing is disabled, the Y/1ANC and C/2ANC flags may toggle, but
they are invalid and should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com