Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1671 Datasheet(PDF) 32 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 28Page - Semtech Corporation GS1671 Datasheet HTML 29Page - Semtech Corporation GS1671 Datasheet HTML 30Page - Semtech Corporation GS1671 Datasheet HTML 31Page - Semtech Corporation GS1671 Datasheet HTML 32Page - Semtech Corporation GS1671 Datasheet HTML 33Page - Semtech Corporation GS1671 Datasheet HTML 34Page - Semtech Corporation GS1671 Datasheet HTML 35Page - Semtech Corporation GS1671 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
32 of 130
Once a valid input signal has been detected, the asynchronous lock algorithm enters a
“hunt” phase, in which the device attempts to detect the presence of either TRS words or
DVB-ASI sync words.
By default, the device powers up in auto mode (the AUTO/MAN bit in the host interface
is set HIGH). In this mode, the device operating frequency toggles between HD and SD
rates as it attempts to lock to the incoming data rate. The PCLK output continues to
operate, and the frequency may switch between 148.5MHz, 74.25MHz, 27MHz and
13.5MHz.
When the device is operating in manual mode (AUTO/MAN bit in the host interface is
LOW), the operating frequency needs to be set through the host interface using the
RATE_DET bit. In this mode, the asynchronous lock algorithm does not toggle the
operating rate of the device and attempts to lock within a single standard. Lock is
achieved within three lines of the selected standard.
4.6.2 Signal Interruption
The device tolerates a signal interruption of up to 10
μs without unlocking, as long as no
TRS words are deleted by this interruption. If a signal interruption of greater than 10
μs
is detected, the lock detection algorithm may lose the current data rate, and LOCKED
will de-assert until the data rate is re-acquired by the lock detection block.
4.7 SMPTE Functionality
4.7.1 Descrambling and Word Alignment
The GS1671 performs NRZI to NRZ decoding and data descrambling according to
SMPTE 292/SMPTE 259M-C and word aligns the data to TRS sync words.
When operating in manual mode (AUTO/MAN = LOW), the device only carries out
SMPTE decoding, descrambling and word alignment when the SMPTE_BYPASS pin is set
HIGH and the DVB_ASI pin is set LOW.
When operating in Auto mode (AUTO/MAN = HIGH), the GS1671 carries out
descrambling and word alignment to enable the detection of TRS sync words. When two
consecutive valid TRS words (SAV and EAV), with the same bit alignment have been
detected, the device word-aligns the data to the TRS ID words.
TRS ID word detection is a continuous process. The device remains in SMPTE mode until
TRS ID words fail to be detected.
NOTE: Both 8-bit and 10-bit TRS headers are identified by the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com