Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1671 Datasheet(PDF) 30 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 26Page - Semtech Corporation GS1671 Datasheet HTML 27Page - Semtech Corporation GS1671 Datasheet HTML 28Page - Semtech Corporation GS1671 Datasheet HTML 29Page - Semtech Corporation GS1671 Datasheet HTML 30Page - Semtech Corporation GS1671 Datasheet HTML 31Page - Semtech Corporation GS1671 Datasheet HTML 32Page - Semtech Corporation GS1671 Datasheet HTML 33Page - Semtech Corporation GS1671 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
30 of 130
4.5 External Crystal/Reference Clock
The GS1671 requires an external 27MHz reference clock for correct operation. This
reference clock is generated by connecting a crystal to the XTAL1 and XTAL2 pins of the
device. See Application Reference Design on page 124. Table 4-3 shows XTAL
characteristics.
Alternately, a 27MHz external clock source can be connected to the XTAL1 pin of the
device, as shown in Figure 4-2.
The frequency variation of the crystal including aging, supply and temperature
variation, should be less than +/-100ppm.
The equivalent series resistance (or motional resistance) should be a maximum of 50
Ω.
The external crystal is used in the frequency acquisition process. It has no impact on the
output jitter performance of the part when the part is locked to incoming data. Because
of this, the only key parameter is the frequency variation of the crystal that is stated
above.
Figure 4-2: 27MHz Clock Sources
External Crystal Connection
XTAL1
XTAL2
XTAL1
XTAL2
External Clock Source Connection
16pF
16pF
External
Clock
NC
K6
K6
J6
J6
Notes:
1. Capacitor values listed represent the total capacitance,
including discrete capacitance and parasitic board capacitance.
2.XTAL1 serves as an input, which may alternatively accept a 27MHz clock
source.
Table 4-3: Input Clock Requirements
Parameter
Min
Typ
Max
UOM
Notes
XTAL1 Low Level Input Voltage
(Vil)
−−
20% of VDD_IO
V
3
XTAL1 High Level Input
Voltage (Vih)
80% of VDDIO
−−
V3
XTAL1 Input Slew Rate
2
−−
V/ns
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com