Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1671 Datasheet(PDF) 22 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 18Page - Semtech Corporation GS1671 Datasheet HTML 19Page - Semtech Corporation GS1671 Datasheet HTML 20Page - Semtech Corporation GS1671 Datasheet HTML 21Page - Semtech Corporation GS1671 Datasheet HTML 22Page - Semtech Corporation GS1671 Datasheet HTML 23Page - Semtech Corporation GS1671 Datasheet HTML 24Page - Semtech Corporation GS1671 Datasheet HTML 25Page - Semtech Corporation GS1671 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
22 of 130
GSPI
GSPI Input Clock FrequencyfSCLK
50% levels
3.3V or 1.8V operation
––
60MHz
5
GSPI Input Clock Duty Cycle
DCSCLK
40
50
60%
5
GSPI Input Data Setup Time
–
1.5
–
–
ns
5
GSPI Input Data Hold Time
–
1.5
–
–
ns
5
GSPI Output Data Hold Time
–
–
1.5
–
–
ns
5
CS low before SCLK rising edge
–
50% levels
3.3V or 1.8V operation
1.5
–
–
ns
5
Time between end of command
word (or data in Auto-Increment
mode) and the first SCLK of the
following data word - write cycle
–
50% levels
3.3V or 1.8V operation
37.1
–
–
ns
5
Time between end of command
word (or data in Auto-Increment
mode) and the first SCLK of the
following data word - read cycle
–
50% levels
3.3V or 1.8V operation
148.4
–
–
ns
5
CS high after SCLK falling edge
–
50% levels
3.3V or 1.8V operation
37.1
–
–
ns
5
Notes:
1. 1.89V and 0ºC.
2. 3.47V and 0ºC.
3. 1.71V and 85ºC
4. 3.13V and 85ºC
5. Timing parameters defined in Section 4.19.3
6. 0m cable length
7. Tested on a GS1671 board from 5MHz to 1.485GHz.
Table 2-4: AC Electrical Characteristics (Continued)
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com