Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WB21 Datasheet(PDF) 19 Page - ASM GmbH

Part # WB21
Description  Analog Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB21 Datasheet(HTML) 19 Page - ASM GmbH

Back Button WB21 Datasheet HTML 13Page - ASM GmbH WB21 Datasheet HTML 14Page - ASM GmbH WB21 Datasheet HTML 15Page - ASM GmbH WB21 Datasheet HTML 16Page - ASM GmbH WB21 Datasheet HTML 17Page - ASM GmbH WB21 Datasheet HTML 18Page - ASM GmbH WB21 Datasheet HTML 19Page - ASM GmbH WB21 Datasheet HTML 20Page - ASM GmbH WB21 Datasheet HTML 21Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
KAB-XM-M12/8F/W-LITZE
KAB-XM-M12/8F/G-LITZE
KAB-XM-M12/8F/W/69K-LITZE
KAB-XM-M12/8F/G/69K-LITZE
IP69K:
IP69K:
DB-WB21-E-2013-11
19/21
© ASM GmbH
www.asm-sensor.com
POSITAPE®
Accessories
Connectors
Connectorcable
M12, 8 pin
The 8-lead shielded cable is supplied with a
mating 8-pin 90° M12 connector at one end
and 8 wires at the other end. Available lengths
are 2, 5 and 10 m. Wire: cross sectional area
0.25 mm².
Order code:
Length in m
Signalwiring
M12,8pin
Connectorpin/cablecolor
1
2
3
4
5
6
7
8
white
brown
green
yellow
grey
pink
blue
red
Connectorcable
M12, 8 pin
The 8-lead shielded cable is supplied with a
mating 8-pin M12 connector at one end and
8 wires at the other end. Available lengths
are 2, 5 and 10 m. Wire: cross sectional area
0.25 mm².
Order code:
Length in m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com